Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMMC-5027 Datasheet (PDF) - Agilent(Hewlett-Packard)

HMMC-5027 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HMMC-5027
Download  HMMC-5027 Download
File Size   92.79 Kbytes
Page   6 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 2 - 26.5 Medium Power Amplifier

HMMC-5027 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMMC-5027 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HMMC-5027
Download  HMMC-5027 Click to download

File Size   92.79 Kbytes
Page   6 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 2 - 26.5 Medium Power Amplifier

HMMC-5027 Datasheet (HTML) - Agilent(Hewlett-Packard)


HMMC-5027 Product details

Description
The HMMC-5027 is a broadband GaAs MMIC Traveling Wave Amplifier designed for medium output power and moderate gain over the full 2 to 26.5 GHz frequency range. Seven MESFET cascode stages provide a flat gain response, making the HMMC-5027 an ideal wideband power block. Optical lithography is used to produce gate lengths of ≈ 0.5 mm.

Features
• Wide-Frequency Range: 2-26.5 GHz
• Moderate Gain: 7 dB
• Gain Flatness: 1 dB
• Return Loss: Input -13 dB Output -11 dB
• Low-Frequency Operation Capability: < 2 GHz
• Gain Control: 30 dB Dynamic Range
• Medium Power:
    20 GHz: P-1dB: 22 dBm Psat: 24 dBm
    26.5 GHz: P-1dB: 19 dBm Psat: 21 dBm




Similar Part No. - HMMC-5027

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HMMC-5021 HP-HMMC-5021 Datasheet
268Kb / 6P
2-26.5 GHz GaAs MMIC Traveling Wave Amplifier
HMMC-5022 HP-HMMC-5022 Datasheet
268Kb / 6P
2-26.5 GHz GaAs MMIC Traveling Wave Amplifier
HMMC-5023 HP-HMMC-5023 Datasheet
92Kb / 6P
23 GHz LNA (21.2-26.5 GHz)
HMMC-5025 HP-HMMC-5025 Datasheet
153Kb / 7P
2 - 50 GHz Distributed Amplifier
HMMC-5026 HP-HMMC-5026 Datasheet
268Kb / 6P
2-26.5 GHz GaAs MMIC Traveling Wave Amplifier
More results


Similar Description - HMMC-5027

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
KGF1262 OKI-KGF1262 Datasheet
141Kb / 10P
Medium-Power Amplifier
logo
STMicroelectronics
STZTA42 STMICROELECTRONICS-STZTA42 Datasheet
70Kb / 4P
MEDIUM POWER AMPLIFIER
Oct-1995
STZTA92 STMICROELECTRONICS-STZTA92 Datasheet
70Kb / 4P
MEDIUM POWER AMPLIFIER
Oct-1995
logo
Alpha Industries
AA026P2-00 ALPHA-AA026P2-00 Datasheet
170Kb / 2P
23.5-26.5 GHz GaAs MMIC Power Amplifier
AA026P2-A4 ALPHA-AA026P2-A4 Datasheet
646Kb / 4P
23.5-26.5 GHz Surface Mount Medium Power Amplifier
logo
Agilent(Hewlett-Packard...
HMMC-5021 HP-HMMC-5021 Datasheet
268Kb / 6P
2-26.5 GHz GaAs MMIC Traveling Wave Amplifier
logo
Fairchild Semiconductor
RMWP26001 FAIRCHILD-RMWP26001 Datasheet
385Kb / 8P
24-26.5 GHz Power Amplifier MMIC
logo
KODENSHI_AUK CORP.
2SA1979U KODENSHI-2SA1979U Datasheet
277Kb / 4P
Medium power amplifier
2SC5342U KODENSHI-2SC5342U Datasheet
194Kb / 4P
Medium power amplifier
2SC5342UF KODENSHI-2SC5342UF Datasheet
217Kb / 4P
Medium power amplifier
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com