Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMMC-5038 Datasheet (PDF) - Agilent(Hewlett-Packard)

HMMC-5038 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HMMC-5038
Download  HMMC-5038 Download
File Size   102.16 Kbytes
Page   5 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 38 GHz LNA

HMMC-5038 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMMC-5038 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HMMC-5038
Download  HMMC-5038 Click to download

File Size   102.16 Kbytes
Page   5 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 38 GHz LNA

HMMC-5038 Datasheet (HTML) - Agilent(Hewlett-Packard)


HMMC-5038 Product details

Description
The HMMC-5038 MMIC is a highgain low-noise amplifier (LNA) designed for communication receivers that operate from 37␣ GHz to 40 GHz. The gain of this four stage LNA can be adjusted by altering the gate bias of the output two, or three, stages while maintaining optimum noise figure bias for the input stage(s).

Features
• Low Noise Figure: 4.8 dB
• Frequency Range: 37  –␣ 40␣ GHz
• High Gain (Adjustable): 3 V, 120 mA @ 23 dB Gain 3 V, 80 mA @ 20 dB Gain
• 50 Ω Input/Output Matching




Similar Part No. - HMMC-5038

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HMMC-5021 HP-HMMC-5021 Datasheet
268Kb / 6P
2-26.5 GHz GaAs MMIC Traveling Wave Amplifier
HMMC-5022 HP-HMMC-5022 Datasheet
268Kb / 6P
2-26.5 GHz GaAs MMIC Traveling Wave Amplifier
HMMC-5023 HP-HMMC-5023 Datasheet
92Kb / 6P
23 GHz LNA (21.2-26.5 GHz)
HMMC-5025 HP-HMMC-5025 Datasheet
153Kb / 7P
2 - 50 GHz Distributed Amplifier
HMMC-5026 HP-HMMC-5026 Datasheet
268Kb / 6P
2-26.5 GHz GaAs MMIC Traveling Wave Amplifier
More results


Similar Description - HMMC-5038

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HMMC-5023 HP-HMMC-5023 Datasheet
92Kb / 6P
23 GHz LNA (21.2-26.5 GHz)
logo
TriQuint Semiconductor
TGA2512-SM TRIQUINT-TGA2512-SM Datasheet
315Kb / 18P
4 - 14 GHz balanced LNA
logo
Transcom, Inc.
TM031-035-14-06 TRANSCOM-TM031-035-14-06 Datasheet
27Kb / 1P
3.1 - 3.5 GHz LNA Module
TC1950 TRANSCOM-TC1950 Datasheet
125Kb / 4P
14 - 18 GHz LNA MMIC
logo
TriQuint Semiconductor
TGA2611-SM TRIQUINT-TGA2611-SM_15 Datasheet
600Kb / 14P
2 6 GHz GaN LNA
TGM2543-SM TRIQUINT-TGM2543-SM Datasheet
890Kb / 11P
4-20 GHz Limiter/LNA
logo
United Monolithic Semic...
CHA2110-QDG UMS-CHA2110-QDG Datasheet
484Kb / 10P
7-12 GHz LNA
logo
TriQuint Semiconductor
QPL1002 TRIQUINT-QPL1002 Datasheet
2Mb / 14P
0.03 ??3 GHz GaN LNA
logo
Qorvo, Inc
QPL1002 QORVO-QPL1002 Datasheet
2Mb / 14P
0.03 ??3 GHz GaN LNA
June 26, 2017
TGA2567-SM QORVO-TGA2567-SM Datasheet
756Kb / 11P
2 ??20 GHz LNA Amplifier
October 2019
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com