Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSDL-1000 Datasheet (PDF) - Agilent(Hewlett-Packard)

HSDL-1000 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HSDL-1000
Download  HSDL-1000 Download
File Size   159.49 Kbytes
Page   10 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Infrared IrDA Compliant Transceiver

HSDL-1000 Datasheet (PDF)

Go To PDF Page Download Datasheet
HSDL-1000 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HSDL-1000
Download  HSDL-1000 Click to download

File Size   159.49 Kbytes
Page   10 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Infrared IrDA Compliant Transceiver

HSDL-1000 Datasheet (HTML) - Agilent(Hewlett-Packard)


HSDL-1000 Product details

Description:
The HSDL-1000 serial infrared module performs low cost, low power, point-to-point, through th air data transfer in a serial, half-duplex mode.
   
Features
• Low Cost Infrared Data Link
• Guaranteed to Meet IrDA
    Physical Layer Specifications
    1 cm to 1 Meter Operating
        Distance
    30° Viewing Angle
    2.4 KBd to 115.2 KBd Data
        Rate
• Daylight Cancellation
• Easily Implemented Direct
    Connection to Various I/O
    Chips
• Small Form Factor
• Several Lead and Shipping
    Configurations Available
• Excellent EMI Immunity
    (> 10 V/m)
   
Applications
• Data Comm: Serial Data
    Transfer Between:
    Notebook Computers
    Subnotebooks
   




Similar Part No. - HSDL-1000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-1000 HP-HSDL-1000 Datasheet
43Kb / 6P
General Application Guide for the HSDL-1100 4 Mb/s Infrared Transceiver
More results


Similar Description - HSDL-1000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-1001 HP-HSDL-1001 Datasheet
152Kb / 8P
Infrared IrDA Compliant Transceiver
HSDL-2100 HP-HSDL-2100 Datasheet
119Kb / 16P
Infrared IrDA Compliant Transceiver
HSDL-3000 HP-HSDL-3000 Datasheet
367Kb / 16P
IrDA Data Compliant 115.2 kbps Infrared Transceiver
logo
CITIZEN ELECTRONICS CO....
CIM-51M7T CITIZEN-CIM-51M7T Datasheet
429Kb / 1P
Infrared IrDA Compliant Transceiver
CIM-51M7 CITIZEN-CIM-51M7 Datasheet
305Kb / 1P
Infrared IrDA Compliant Transceiver
CIM-51S12RV CITIZEN-CIM-51S12RV Datasheet
322Kb / 1P
Infrared IrDA Compliant Transceiver
CIM-86S7B CITIZEN-CIM-86S7B Datasheet
301Kb / 1P
Infrared IrDA Compliant Transceiver
CIM-123S13R CITIZEN-CIM-123S13R Datasheet
302Kb / 1P
Infrared IrDA Compliant Transceiver
CIM-131M7 CITIZEN-CIM-131M7 Datasheet
296Kb / 1P
Infrared IrDA Compliant Transceiver
CIM-150F7RV CITIZEN-CIM-150F7RV Datasheet
300Kb / 1P
Infrared IrDA Compliant Transceiver
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com