Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA-03100 Datasheet (PDF) - Agilent(Hewlett-Packard)

INA-03100 Datasheet PDF - Agilent(Hewlett-Packard)
Part # INA-03100
Download  INA-03100 Download
File Size   52.56 Kbytes
Page   3 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Low Noise, Cascadable Silicon Bipolar MMIC Amplifier

INA-03100 Datasheet (PDF)

Go To PDF Page Download Datasheet
INA-03100 Datasheet PDF - Agilent(Hewlett-Packard)

Part # INA-03100
Download  INA-03100 Click to download

File Size   52.56 Kbytes
Page   3 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Low Noise, Cascadable Silicon Bipolar MMIC Amplifier

INA-03100 Datasheet (HTML) - Agilent(Hewlett-Packard)


INA-03100 Product details

Description
The INA-03100 is a low-noise silicon bipolar Monolithic Microwave Integrated Circuit (MMIC) feedback amplifier chip. It is designed for narrow or wide bandwidth commercial, industrial and military applications that require high gain and low noise IF or RF amplification with minimum power consumption.

Features
• Cascadable 50 Ω Gain Block
• Low Noise Figure: 2.5 dB Typical at 1.5 GHz
• High Gain: 26.0 dB Typical at 2.8 GHz
• 3 dB Bandwidth: DC to 2.8 GHz
• Unconditionally Stable (k>1)
• Low Power Consumption




Similar Part No. - INA-03100

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
INA-03170 HP-INA-03170 Datasheet
50Kb / 3P
Low Noise, Cascadable Silicon Bipolar MMIC Amplifier
INA-03184 HP-INA-03184 Datasheet
50Kb / 4P
Low Noise, Cascadable Silicon Bipolar MMIC Amplifier
INA-03184-BLK HP-INA-03184-BLK Datasheet
50Kb / 4P
Low Noise, Cascadable Silicon Bipolar MMIC Amplifier
INA-03184-TR1 HP-INA-03184-TR1 Datasheet
50Kb / 4P
Low Noise, Cascadable Silicon Bipolar MMIC Amplifier
More results


Similar Description - INA-03100

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
INA-01100 HP-INA-01100 Datasheet
56Kb / 3P
Low Noise, Cascadable Silicon Bipolar MMIC Amplifier
INA-01170 HP-INA-01170 Datasheet
50Kb / 3P
Low Noise, Cascadable Silicon Bipolar MMIC Amplifier
INA-02100 HP-INA-02100 Datasheet
56Kb / 3P
Low Noise, Cascadable Silicon Bipolar MMIC Amplifier
INA-02170 HP-INA-02170 Datasheet
50Kb / 3P
Low Noise, Cascadable Silicon Bipolar MMIC Amplifier
INA-02184 HP-INA-02184 Datasheet
72Kb / 6P
Low Noise, Cascadable Silicon Bipolar MMIC Amplifier
INA-03170 HP-INA-03170 Datasheet
50Kb / 3P
Low Noise, Cascadable Silicon Bipolar MMIC Amplifier
INA-03184 HP-INA-03184 Datasheet
50Kb / 4P
Low Noise, Cascadable Silicon Bipolar MMIC Amplifier
INA-10386 HP-INA-10386 Datasheet
51Kb / 4P
Low Noise, Cascadable Silicon Bipolar MMIC Amplifier
INA-02184 HP-INA-02184_97 Datasheet
56Kb / 6P
Low Noise, Cascadable Silicon Bipolar MMIC Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MSA-0270 AVAGO-MSA-0270 Datasheet
158Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifier
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com