Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IVA-05228 Datasheet (PDF) - Agilent(Hewlett-Packard)

IVA-05228 Datasheet PDF - Agilent(Hewlett-Packard)
Part # IVA-05228
Download  IVA-05228 Download
File Size   63.7 Kbytes
Page   4 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier Differential Option

IVA-05228 Datasheet (PDF)

Go To PDF Page Download Datasheet
IVA-05228 Datasheet PDF - Agilent(Hewlett-Packard)

Part # IVA-05228
Download  IVA-05228 Click to download

File Size   63.7 Kbytes
Page   4 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier Differential Option

IVA-05228 Datasheet (HTML) - Agilent(Hewlett-Packard)


IVA-05228 Product details

Description
The IVA-05228 is a variable gain amplifier housed in a miniature ceramic hermetic surface mount package. This device can be used in any combination of singleended or differential inputs or outputs (see Functional Block Diagram). The lowest frequency of operation is limited only by the values of user selected blocking and bypass capacitors.

Features
• Differential Input and Output Capability
• DC to 1.5 GHz Bandwidth; 2.0 Gb/s Data Rates
• High Gain: 30 dB Typical
• Wide Gain Control Range: 30 dB Typical
• 5 V Bias
• 5 V Vgc Control Voltage, Igc < 3 mA
• Fast Gain Control Response: < 10 ns Typical
• Hermetic Ceramic Package

Applications
• LNA or Gain Stage for 2.4 GHz and 5.7 GHz ISM Bands
• Front End Amplifier for GPS Receivers
• LNA or Gain Stage for PCN and MMDS Applications
• C-Band Satellite Receivers
• Broadband Amplifier for Instrumentation




Similar Part No. - IVA-05228

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
IVA-05208 HP-IVA-05208 Datasheet
65Kb / 4P
Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier
IVA-05208-STR HP-IVA-05208-STR Datasheet
65Kb / 4P
Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier
IVA-05208-TR1 HP-IVA-05208-TR1 Datasheet
65Kb / 4P
Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier
More results


Similar Description - IVA-05228

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGA2031 PHILIPS-BGA2031 Datasheet
67Kb / 12P
MMIC variable gain amplifier
1999 Jul 23
logo
STMicroelectronics
TS652 STMICROELECTRONICS-TS652 Datasheet
74Kb / 9P
DIFFERENTIAL VARIABLE GAIN AMPLIFIER
May-2000
logo
Agilent(Hewlett-Packard...
IVA-05128 HP-IVA-05128 Datasheet
61Kb / 4P
Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier
IVA-05208 HP-IVA-05208 Datasheet
65Kb / 4P
Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier
IVA-14208 HP-IVA-14208 Datasheet
113Kb / 7P
Silicon Bipolar MMIC 2.5 GHz Variable Gain Amplifier
logo
Intersil Corporation
ISL55016 INTERSIL-ISL55016 Datasheet
410Kb / 11P
MMIC Silicon Bipolar Differential Amplifier
June 24, 2008
ISL55016IRTZ-T7 INTERSIL-ISL55016IRTZ-T7 Datasheet
407Kb / 11P
MMIC Silicon Bipolar Differential Amplifier
June 24, 2008
logo
NXP Semiconductors
BGA2031 PHILIPS-BGA2031_1 Datasheet
315Kb / 11P
MMIC variable gain amplifier
2001 Feb 05
logo
Renesas Technology Corp
ISL55016 RENESAS-ISL55016 Datasheet
707Kb / 11P
MMIC Silicon Bipolar Differential Amplifier
logo
NXP Semiconductors
BGA2031 NXP-BGA2031 Datasheet
315Kb / 11P
MMIC variable gain amplifier
2001 Feb 05
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com