Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS2802-1 Datasheet (PDF) - NEC

PS2802-1 Datasheet PDF - NEC
Part # PS2802-1
Download  PS2802-1 Download
File Size   153.88 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SOP PHOTOCOUPLER

PS2802-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
PS2802-1 Datasheet PDF - NEC

Part # PS2802-1
Download  PS2802-1 Click to download

File Size   153.88 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SOP PHOTOCOUPLER

PS2802-1 Datasheet (HTML) - NEC


PS2802-1 Product details

DESCRIPTION
The PS2802-1 and PS2802-4 are optically coupled isolators containing a GaAs light emitting diode and an NPN
silicon darlington-connected photo transistor in a plastic SOP for high density applications. This package has shield effect to cut off ambient light.

FEATURES
• High isolation voltage (BV = 2 500 Vr.m.s.)
• Small and thin package (4,16-pin SOP, Pin pitch 1.27 mm)
• High current transfer ratio (CTR = 2 000 % TYP. @ IF= 1 mA, VCE= 2 V)
• UL approved: File No. E72422 (S)
• VDE0884 approved (Option): PS2802-4 only
• Ordering number of taping product: PS2802-1-F3, F4, PS2802-4-F3, F4

APPLICATIONS
• Programmable logic controllers
• Measuring instruments
•Hybrid IC




Similar Part No. - PS2802-1

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2802-1 CEL-PS2802-1 Datasheet
395Kb / 14P
HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2802-1 RENESAS-PS2802-1 Datasheet
262Kb / 16P
HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SSOP PHOTOCOUPLER
PS2802-1 RENESAS-PS2802-1 Datasheet
5Mb / 16P
HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SSOP PHOTOCOUPLER
Jan. 27, 2026
logo
California Eastern Labs
PS2802-1-A CEL-PS2802-1-A Datasheet
395Kb / 14P
HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2802-1-A RENESAS-PS2802-1-A Datasheet
5Mb / 16P
HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SSOP PHOTOCOUPLER
Jan. 27, 2026
More results


Similar Description - PS2802-1

ManufacturerPart #DatasheetDescription
logo
NEC
PS2702-1 NEC-PS2702-1 Datasheet
113Kb / 12P
HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR SOP MULTI PHOTOCOUPLER SERIES
PS2801-1 NEC-PS2801-1 Datasheet
131Kb / 12P
HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2802-1 CEL-PS2802-1 Datasheet
395Kb / 14P
HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SOP PHOTOCOUPLER
PS2701A-1 CEL-PS2701A-1_05 Datasheet
318Kb / 11P
HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
NEC
PS2705A-1 NEC-PS2705A-1 Datasheet
117Kb / 13P
HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2702-1 CEL-PS2702-1 Datasheet
373Kb / 15P
HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR SOP MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2705A-1 RENESAS-PS2705A-1_15 Datasheet
167Kb / 14P
HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
PS2802-1 RENESAS-PS2802-1_15 Datasheet
262Kb / 16P
HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SSOP PHOTOCOUPLER
PS2701A-1 RENESAS-PS2701A-1 Datasheet
5Mb / 15P
HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
May 14, 2020
PS2702-1 RENESAS-PS2702-1 Datasheet
5Mb / 15P
HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR SOP MULTI PHOTOCOUPLER SERIES
May 14, 2020
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com