Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSC2110-SC Datasheet (PDF) - Agilent(Hewlett-Packard)

LSC2110-SC Datasheet PDF - Agilent(Hewlett-Packard)
Part # LSC2110-SC
Download  LSC2110-SC Download
File Size   156.31 Kbytes
Page   8 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 1 mW 14 Pin DIL Cooled Laser Modules

LSC2110-SC Datasheet (PDF)

Go To PDF Page Download Datasheet
LSC2110-SC Datasheet PDF - Agilent(Hewlett-Packard)

Part # LSC2110-SC
Download  LSC2110-SC Click to download

File Size   156.31 Kbytes
Page   8 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 1 mW 14 Pin DIL Cooled Laser Modules

LSC2110-SC Datasheet (HTML) - Agilent(Hewlett-Packard)


LSC2110-SC Product details

Description
LSCX110 laser modules are highly reliable fiber optic light sources operating in the 1300 nanometer band. The internal semiconductor lasers are based upon InGaAsP buried heterostructure (BH) technology and fabricated by the Metal Organic Vapor Phase Epitaxy (MOVPE) process, resulting in long lifetimes and modest threshold currents.

Features
• 1 Milliwatt Optical Output at 25 mA above Threshold, 25°C
• Center Wavelength between 1280 nm and 1330 nm
• Wide Modulation Bandwidth: LSC2110 - 800 MHz LSC4110 - 1.2 GHz
• Wide Operating Temperature Range: -40°C to +85°C
• Alternative Package Styles: LSC2110 - 14 Pin DIL LSC4110 - 14 Pin“Butterfly”

Applications
• Telecommunications
• Local Area and Metropolitan Area Networks
• Point-to-Point Data Communications
• Fiber Optic Sensors
• Cable Television
• Military Communications and Control Systems
• Instrumentation




Similar Part No. - LSC2110-SC

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
LSC2110-622 HP-LSC2110-622 Datasheet
111Kb / 6P
2.5 mW 14 Pin DIL Cooled Laser Module
LSC2110-622-BI HP-LSC2110-622-BI Datasheet
111Kb / 6P
2.5 mW 14 Pin DIL Cooled Laser Module
LSC2110-622-DN HP-LSC2110-622-DN Datasheet
111Kb / 6P
2.5 mW 14 Pin DIL Cooled Laser Module
LSC2110-622-FP HP-LSC2110-622-FP Datasheet
111Kb / 6P
2.5 mW 14 Pin DIL Cooled Laser Module
LSC2110-622-SA HP-LSC2110-622-SA Datasheet
111Kb / 6P
2.5 mW 14 Pin DIL Cooled Laser Module
More results


Similar Description - LSC2110-SC

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
OL6201N-A10 OKI-OL6201N-A10 Datasheet
59Kb / 8P
MQW Laser Diode Cooled Dil Module (1625 nm /-10 nm, 1 mW)
OL6205N-1-A10 OKI-OL6205N-1-A10 Datasheet
58Kb / 8P
MQW Laser Diode Uncooled Dil Module (1625 nm /-10 nm, 1 mW)
logo
Agilent(Hewlett-Packard...
LSC2110-622 HP-LSC2110-622 Datasheet
111Kb / 6P
2.5 mW 14 Pin DIL Cooled Laser Module
LSC3X00 HP-LSC3X00 Datasheet
115Kb / 7P
14 Pin DIL Uncooled Laser Modules
logo
EUROQUARTZ limited
GDF14 EUROQUARTZ-GDF14 Datasheet
89Kb / 1P
14 pin DIL VCXO
GPA14 EUROQUARTZ-GPA14 Datasheet
90Kb / 1P
14 pin DIL VCXO
GPF14 EUROQUARTZ-GPF14 Datasheet
90Kb / 1P
14 pin DIL VCXO
GDA14 EUROQUARTZ-GDA14 Datasheet
91Kb / 1P
14 pin DIL
logo
Roithner LaserTechnik G...
G155PU001S ROITHNER-G155PU001S Datasheet
299Kb / 5P
Pigtailed 14-PIN DIL Laser Diode with TEC
G131PU001S ROITHNER-G131PU001S Datasheet
321Kb / 5P
Pigtailed 14-PIN DIL Laser Diode with TEC
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com