Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGA-86563 Datasheet (PDF) - Agilent(Hewlett-Packard)

MGA-86563 Datasheet PDF - Agilent(Hewlett-Packard)
Part # MGA-86563
Download  MGA-86563 Download
File Size   92.67 Kbytes
Page   8 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 0.5 - 6 GHz Low Noise GaAs MMIC Amplifier

MGA-86563 Datasheet (PDF)

Go To PDF Page Download Datasheet
MGA-86563 Datasheet PDF - Agilent(Hewlett-Packard)

Part # MGA-86563
Download  MGA-86563 Click to download

File Size   92.67 Kbytes
Page   8 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 0.5 - 6 GHz Low Noise GaAs MMIC Amplifier

MGA-86563 Datasheet (HTML) - Agilent(Hewlett-Packard)


MGA-86563 Product details

Description
Agilent’s MGA-86563 is an economical, easy-to-use GaAs MMIC amplifier that offers low noise figure and excellent gain for applications from 0.5 to 6 GHz. Packaged in an ultra-miniature SOT-363 package, it requires half the board space of the SOT-143.

Features
• Ultra-Miniature Package
• Internally Biased, Single +5 V Supply (14 mA)
• 1.6 dB Noise Figure at 2.4 GHz
• 21.8 dB Gain at 2.4 GHz
• +3.1 dBm P1dB at 2.4 GHz

Applications
• LNA or Gain Stage for ISM, PCS, MMDS, GPS, TVRO, and Other C band Applications




Similar Part No. - MGA-86563

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-86563 AVAGO-MGA-86563 Datasheet
177Kb / 8P
0.5 ??6 GHz Low Noise GaAs MMIC Amplifier
logo
Broadcom Corporation.
MGA-86563 BOARDCOM-MGA-86563 Datasheet
177Kb / 8P
0.5 ??6 GHz Low Noise GaAs MMIC Amplifier
More results


Similar Description - MGA-86563

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC565 HITTITE-HMC565 Datasheet
313Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 6 - 20 GHz
HMC963LC4 HITTITE-HMC963LC4 Datasheet
1Mb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 6 - 26.5 GHz
HMC320MS8G HITTITE-HMC320MS8G_09 Datasheet
208Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER , 5 - 6 GHz
HMC903 HITTITE-HMC903 Datasheet
991Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 6 - 18 GHz
HMC903LP3E HITTITE-HMC903LP3E Datasheet
1Mb / 8P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 6 - 17 GHz
logo
AVAGO TECHNOLOGIES LIMI...
MGA-665P8 AVAGO-MGA-665P8 Datasheet
214Kb / 13P
0.5 ??6 GHz Low Noise Amplifier
MGA-86563 AVAGO-MGA-86563 Datasheet
177Kb / 8P
0.5 ??6 GHz Low Noise GaAs MMIC Amplifier
logo
Broadcom Corporation.
MGA-665P8 BOARDCOM-MGA-665P8 Datasheet
214Kb / 13P
GaAs Enhancement-Mode PHEMT 0.5 ??6 GHz Low Noise Amplifier
MGA-86563 BOARDCOM-MGA-86563 Datasheet
177Kb / 8P
0.5 ??6 GHz Low Noise GaAs MMIC Amplifier
logo
Analog Devices
ADL8107 AD-ADL8107 Datasheet
2Mb / 24P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 6 GHz to 18 GHz
1/2022-Revision 0
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com