Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSC3300-BI Datasheet (PDF) - Agilent(Hewlett-Packard)

LSC3300-BI Datasheet PDF - Agilent(Hewlett-Packard)
Part # LSC3300-BI
Download  LSC3300-BI Download
File Size   115.84 Kbytes
Page   7 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 14 Pin DIL Uncooled Laser Modules

LSC3300-BI Datasheet (PDF)

Go To PDF Page Download Datasheet
LSC3300-BI Datasheet PDF - Agilent(Hewlett-Packard)

Part # LSC3300-BI
Download  LSC3300-BI Click to download

File Size   115.84 Kbytes
Page   7 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 14 Pin DIL Uncooled Laser Modules

LSC3300-BI Datasheet (HTML) - Agilent(Hewlett-Packard)


LSC3300-BI Product details

Description
LSC3X00 laser modules are high reliability fiber optic light sources operating in the 1300 nanometer band. They are particularly well suited for applications where low power dissipation is required.

Features
• Low Cost Plastic Package (14 Pin DIL)
• LSC3300: 100 µW (-10 dBm) Min. Power Output LSC3100: 1 mW (0 dBm) Min. Power Output
• 1280 - 1330 nm Wavelength
• Hermetic Laser Module
• -40°C to +85°C Operation

Applications
• Telecommunications
• Local Area and Metropolitan Area Networks
• Point to Point Datacommunications
• Fiber Optic Sensors
• Cable Television
• Military Communications and Control Systems
• Instrumentation




Similar Part No. - LSC3300-BI

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
LSC320AN10 SAMSUNG-LSC320AN10 Datasheet
2Mb / 34P
The information described in this specification is preliminary and can be changed without prior notice
logo
Dialight Corporation
LSC3C4D3GEX DIALIGHT-LSC3C4D3GEX Datasheet
122Kb / 2P
SafeSite Series LED Linear Fixture
LSC3C4D3GEX DIALIGHT-LSC3C4D3GEX_12 Datasheet
177Kb / 2P
SafeSite짰 LED Linear Fixture Class I, Div. 2 Version
LSC3C4M3GEX DIALIGHT-LSC3C4M3GEX Datasheet
122Kb / 2P
SafeSite Series LED Linear Fixture
logo
Honeywell Solid State E...
LSC3K HONEYWELL-LSC3K Datasheet
11Mb / 38P
MICRO SWITCH Heavy-Duty Limit Switch
2018 06/18
More results


Similar Description - LSC3300-BI

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
LSC2110-622 HP-LSC2110-622 Datasheet
111Kb / 6P
2.5 mW 14 Pin DIL Cooled Laser Module
LSCX110 HP-LSCX110 Datasheet
156Kb / 8P
1 mW 14 Pin DIL Cooled Laser Modules
logo
EUROQUARTZ limited
EM15S EUROQUARTZ-EM15S Datasheet
107Kb / 1P
Clipped Sinewave 14 pin DIL
GDF14 EUROQUARTZ-GDF14 Datasheet
89Kb / 1P
14 pin DIL VCXO
GPA14 EUROQUARTZ-GPA14 Datasheet
90Kb / 1P
14 pin DIL VCXO
GPF14 EUROQUARTZ-GPF14 Datasheet
90Kb / 1P
14 pin DIL VCXO
EMW38GT EUROQUARTZ-EMW38GT Datasheet
346Kb / 1P
CMOS 14 pin DIL compatible,
GDA14 EUROQUARTZ-GDA14 Datasheet
91Kb / 1P
14 pin DIL
logo
Roithner LaserTechnik G...
G155PU001S ROITHNER-G155PU001S Datasheet
299Kb / 5P
Pigtailed 14-PIN DIL Laser Diode with TEC
G131PU001S ROITHNER-G131PU001S Datasheet
321Kb / 5P
Pigtailed 14-PIN DIL Laser Diode with TEC
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com