Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSA0185 Datasheet (PDF) - Agilent(Hewlett-Packard)

MSA0185 Datasheet PDF - Agilent(Hewlett-Packard)
Part # MSA0185
Download  MSA0185 Download
File Size   51.98 Kbytes
Page   4 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Cascadable Silicon Bipolar MMIC Amplifier

MSA0185 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSA0185 Datasheet PDF - Agilent(Hewlett-Packard)

Part # MSA0185
Download  MSA0185 Click to download

File Size   51.98 Kbytes
Page   4 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Cascadable Silicon Bipolar MMIC Amplifier

MSA0185 Datasheet (HTML) - Agilent(Hewlett-Packard)


MSA0185 Product details

Description

The MSA-0185 is a high performance silicon bipolar Monolithic Microwave Integrated Circuit (MMIC) housed in a low cost plastic package. This MMIC is designed for use as a general purpose 50 Ω gain block. Typical applications include narrow and broad band IF and RF amplifiers in industrial and military applications.



Features

• Cascadable 50 Ω Gain Block

• 3 dB Bandwidth: DC to 1.0 GHz

• High Gain: 17.5 dB Typical at 0.5 GHz

• Unconditionally Stable (k>1)

• Low Cost Plastic Package



 




Similar Part No. - MSA0185

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSA002 ETC1-MSA002 Datasheet
524Kb / 2P
Mounting Instruction
MSA003 ETC1-MSA003 Datasheet
524Kb / 2P
Mounting Instruction
logo
Agilent(Hewlett-Packard...
MSA0304 HP-MSA0304 Datasheet
51Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifier
MSA0385 HP-MSA0385 Datasheet
52Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifier
MSA0485 HP-MSA0485 Datasheet
52Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifier
More results


Similar Description - MSA0185

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
MSA-0104 HP-MSA-0104 Datasheet
51Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifier
MSA-0300 HP-MSA-0300 Datasheet
57Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifier
MSA-0385 HP-MSA-0385 Datasheet
52Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifier
MSA-0505 HP-MSA-0505 Datasheet
51Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifier
logo
M-pulse Microwave Inc.
MP4TD0335 MPLUSE-MP4TD0335 Datasheet
51Kb / 3P
Silicon Bipolar MMIC Cascadable Amplifier
MP4TD0410 MPLUSE-MP4TD0410 Datasheet
49Kb / 3P
Silicon Bipolar MMIC Cascadable Amplifier
MP4TD0700 MPLUSE-MP4TD0700 Datasheet
132Kb / 3P
Silicon Bipolar MMIC Cascadable Amplifier
MP4TD0900 MPLUSE-MP4TD0900 Datasheet
139Kb / 3P
Silicon Bipolar MMIC Cascadable Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MSA-0270 AVAGO-MSA-0270 Datasheet
158Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifier
MSA-0470 AVAGO-MSA-0470 Datasheet
192Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifier
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com