Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C18551WE Datasheet (PDF) - Pericom Semiconductor Corporation

PI6C18551WE Datasheet PDF - Pericom Semiconductor Corporation
Part # PI6C18551WE
Download  PI6C18551WE Download
File Size   567.22 Kbytes
Page   6 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 3.3V/5V, 160 MHz, 4 output, CMOS Clock Buffer

PI6C18551WE Datasheet (PDF)

Go To PDF Page Download Datasheet
PI6C18551WE Datasheet PDF - Pericom Semiconductor Corporation

Part # PI6C18551WE
Download  PI6C18551WE Click to download

File Size   567.22 Kbytes
Page   6 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 3.3V/5V, 160 MHz, 4 output, CMOS Clock Buffer

PI6C18551WE Datasheet (HTML) - Pericom Semiconductor Corporation


PI6C18551WE Product details

Description
PI6C18551 is a low skew, low noise and high-speed clock buffer for computing, networking and communication applications. It is a non-inverting buffer with four outputs from a single input. The outputs are controlled by output enable pin (OE), outputs are tri-states when OE is LOW, and outputs are enabled when OE is HIGH.

Features
• 160 MHz maximum frequency
• Low skew: 250ps
• Fast rise/fall time: 1.5ns
• Output Enable with tri-states
• Industrial Temperature
• 3.3V or 5V power supply
• Packaging (Pb-free & Green available): −8-pin SOIC (W)

Applications
• 33 MHz for PCI
• 106.25 MHz for Fibre Channel
• 125 MHz for Ethernet
• 133 MHz for PCIX
• 155.52 MHz for OC3/SONET




Similar Part No. - PI6C18551WE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C18551 PERICOM-PI6C18551 Datasheet
294Kb / 5P
3.3V/5V 1 to 4 Clock Buffer
More results


Similar Description - PI6C18551WE

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT49FCT3805 IDT-IDT49FCT3805 Datasheet
62Kb / 7P
3.3V CMOS BUFFER/CLOCK DRIVER
logo
Pericom Semiconductor C...
PI6C18551 PERICOM-PI6C18551 Datasheet
294Kb / 5P
3.3V/5V 1 to 4 Clock Buffer
logo
Cypress Semiconductor
B9946 CYPRESS-B9946 Datasheet
57Kb / 5P
3.3V, 160-MHz, 1:10 Clock Distribution Buffer
B9948 CYPRESS-B9948 Datasheet
100Kb / 6P
3.3V, 160-MHz, 1:12 Clock Distribution Buffer
B9947 CYPRESS-B9947 Datasheet
57Kb / 5P
3.3V, 160-MHz, 1:9 Clock Distribution Buffer
logo
Integrated Device Techn...
IDT49FCT3805B IDT-IDT49FCT3805B Datasheet
374Kb / 7P
3.3V CMOS BUFFER/CLOCK DRIVER
logo
Cypress Semiconductor
B9948L CYPRESS-B9948L Datasheet
69Kb / 6P
2.5V/3.3V, 160-MHz, 1:12 Clock Distribution Buffer
B9949 CYPRESS-B9949 Datasheet
70Kb / 8P
3.3V 160-MHz 1:15 Clock Distribution Buffer
logo
Integrated Device Techn...
49FCT3805BQG8 IDT-49FCT3805BQG8 Datasheet
73Kb / 7P
3.3V CMOS BUFFER/CLOCK DRIVER
logo
Renesas Technology Corp
IDT49FCT3805B RENESAS-IDT49FCT3805B Datasheet
229Kb / 8P
3.3V CMOS BUFFER/CLOCK DRIVER
MAY 2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com