Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSA-0736 Datasheet (PDF) - Agilent(Hewlett-Packard)

MSA-0736 Datasheet PDF - Agilent(Hewlett-Packard)
Part # MSA-0736
Download  MSA-0736 Download
File Size   76.81 Kbytes
Page   4 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Cascadable Silicon Bipolar MMIC Amplifiers

MSA-0736 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSA-0736 Datasheet PDF - Agilent(Hewlett-Packard)

Part # MSA-0736
Download  MSA-0736 Click to download

File Size   76.81 Kbytes
Page   4 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Cascadable Silicon Bipolar MMIC Amplifiers

MSA-0736 Datasheet (HTML) - Agilent(Hewlett-Packard)


MSA-0736 Product details

Description

The MSA-0735 is a high performance silicon bipolar Monolithic Microwave Integrated Circuit (MMIC) housed in a cost effective, microstrip package. This MMIC is designed for use as a general purpose 50 Ω gain block. Typical applications include narrow and broad band IF and RF amplifiers in industrial and military applications.



Features

• Cascadable 50 Ω Gain Block

• Low Operating Voltage:

   4.0 V Typical Vd

• 3 dB Bandwidth:

   DC to 2.4 GHz

• 13.0 dB Typical Gain at 1.0␣ GHz

• Unconditionally Stable (k>1)

• Cost Effective Ceramic Microstrip Package



 




Similar Part No. - MSA-0736

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MSA-0736 AVAGO-MSA-0736 Datasheet
376Kb / 4P
Cost Effective Ceramic Microstrip Package
MSA-0736-BLKG AVAGO-MSA-0736-BLKG Datasheet
376Kb / 4P
Cost Effective Ceramic Microstrip Package
MSA-0736-TR1G AVAGO-MSA-0736-TR1G Datasheet
376Kb / 4P
Cost Effective Ceramic Microstrip Package
More results


Similar Description - MSA-0736

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
MSA-0135 HP-MSA-0135 Datasheet
52Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifiers
MSA-0235 HP-MSA-0235 Datasheet
53Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifiers
MSA-0335 HP-MSA-0335 Datasheet
53Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifiers
MSA-0370 HP-MSA-0370 Datasheet
52Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifiers
MSA-0435 HP-MSA-0435 Datasheet
53Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifiers
MSA-0635 HP-MSA-0635 Datasheet
53Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifiers
logo
List of Unclassifed Man...
MSA0635 ETC-MSA0635 Datasheet
53Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifiers
logo
AVAGO TECHNOLOGIES LIMI...
MSA-0436 AVAGO-MSA-0436 Datasheet
376Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifiers
logo
Broadcom Corporation.
MSA-0370 BOARDCOM-MSA-0370 Datasheet
74Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifiers
MSA-0436 BOARDCOM-MSA-0436 Datasheet
376Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifiers
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com