Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDA2446 Datasheet (PDF) - Agilent(Hewlett-Packard)

PDA2446 Datasheet PDF - Agilent(Hewlett-Packard)
Part # PDA2446
Download  PDA2446 Download
File Size   267.2 Kbytes
Page   8 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Analog Pigtailed PIN Photodiodes

PDA2446 Datasheet (PDF)

Go To PDF Page Download Datasheet
PDA2446 Datasheet PDF - Agilent(Hewlett-Packard)

Part # PDA2446
Download  PDA2446 Click to download

File Size   267.2 Kbytes
Page   8 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Analog Pigtailed PIN Photodiodes

PDA2446 Datasheet (HTML) - Agilent(Hewlett-Packard)


PDA2446 Product details

Description
The PDA range of products includes a variety of compact fiber pigtailed devices designed for wide operating temperature, low cost applications such as fiber in the loop. The planar InGaAs photodiodes are manufactured using MOVPE growth technology and give low leakage and high responsivity performance with excellent reliability.

Features
• Variety of Flange/Pinout Options
• Compact Package
• High Reliability Planar InGaAs PIN Photodiode
• High Responsivity
• High Linearity
• Low Back Reflection
• High Bandwidth >1.5 GHz
• –40°C to +85°C Operating Temperature Range

Applications
• CATV/CCTV
• Fiber in the Loop (FITL)




Similar Part No. - PDA2446

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PDA24 BOURNS-PDA24 Datasheet
307Kb / 2P
PDA24 - 24 mm Long Life Potentiometer
PDA24 BOURNS-PDA24 Datasheet
291Kb / 2P
24 mm Long Life Potentiometer
2011/65/EU June 8, 2011.
PDA241-HRT00-504A2 BOURNS-PDA241-HRT00-504A2 Datasheet
291Kb / 2P
24 mm Long Life Potentiometer
2011/65/EU June 8, 2011.
PDA241-HRT01-504A2 BOURNS-PDA241-HRT01-504A2 Datasheet
291Kb / 2P
24 mm Long Life Potentiometer
2011/65/EU June 8, 2011.
PDA241-HRT02-103A2 BOURNS-PDA241-HRT02-103A2 Datasheet
87Kb / 2P
New Bourns Amplifi er Potentiometer Design Kits Released
More results


Similar Description - PDA2446

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
PDT1X4X HP-PDT1X4X Datasheet
181Kb / 5P
Pigtailed PIN Photodiodes
logo
KODENSHI_AUK CORP.
HPI6FFR4 KODENSHI-HPI6FFR4 Datasheet
124Kb / 2P
PIN PHOTODIODES
logo
Agilent(Hewlett-Packard...
PPA1515-155 HP-PPA1515-155 Datasheet
207Kb / 4P
Pigtailed PIN-PREAMP
logo
KODENSHI_AUK CORP.
HPI5FCR2 KODENSHI-HPI5FCR2 Datasheet
67Kb / 2P
PIN PHOTODIODES
HPI6FER2 KODENSHI-HPI6FER2 Datasheet
69Kb / 2P
PIN PHOTODIODES
HPI6FFR2 KODENSHI-HPI6FFR2 Datasheet
69Kb / 2P
PIN PHOTODIODES
HPI6FGR4 KODENSHI-HPI6FGR4 Datasheet
69Kb / 2P
PIN PHOTODIODES
HPI307 KODENSHI-HPI307 Datasheet
66Kb / 2P
PIN PHOTODIODES
logo
Unity Opto Technology
MCD-3P4C-312 UOT-MCD-3P4C-312 Datasheet
69Kb / 2P
InGaAs PIN PHOTODIODES
logo
Finisar Corporation.
PIN-1310-5I-50SMF-FCUPC FINISAR-PIN-1310-5I-50SMF-FCUPC Datasheet
218Kb / 5P
Analog Receiver, Pigtailed, PIN ROSA
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com