Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDT0X1X Datasheet (PDF) - Agilent(Hewlett-Packard)

PDT0X1X Datasheet PDF - Agilent(Hewlett-Packard)
Part # PDT0X1X
Download  PDT0X1X Download
File Size   154.72 Kbytes
Page   5 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Connectorized PIN Photodiodes

PDT0X1X Datasheet (PDF)

Go To PDF Page Download Datasheet
PDT0X1X Datasheet PDF - Agilent(Hewlett-Packard)

Part # PDT0X1X
Download  PDT0X1X Click to download

File Size   154.72 Kbytes
Page   5 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Connectorized PIN Photodiodes

PDT0X1X Datasheet (HTML) - Agilent(Hewlett-Packard)


PDT0X1X Product details

Description
The PDT range of products includes a variety of connectorized PIN photodiodes designed for wide operating temperature, low cost applications such as fiber in the loop. The planar InGaAs photodiodes are manufactured using our MOVPE growth technology and give low leakage, high responsivity performance with excellent reliability.

Features
• Industry Standard Connectors–FC, ST® and SC
• 1200 nm to 1650 nm Wavelength
• High Responsivity
• High Reliability Planar InGaAs Photodiode
• Range of Flange Options
• Low Dark Current
• -40°C to +85°C Operation

Applications
• Optical Data Communication Receivers
• O-E Convertors
• LANS
• FDDI Networks
• Instrumentation
• FITL
• Single and Multimode Fiber Communications Systems




Similar Part No. - PDT0X1X

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
PDT006A0X3-SRZ LINEAGEPOWER-PDT006A0X3-SRZ Datasheet
1Mb / 39P
6A Digital Pico DLynxTM: Non-Isolated DC-DC Power Modules 3Vdc 혯??4.4Vdc input; 0.45Vdc to 5.5Vdc output; 6A Output Current
logo
Potens Semiconductor Co...
PDT00D8BH POTENS-PDT00D8BH Datasheet
1Mb / 6P
100V N-Channel MOSFETs
Ver.1.00
logo
Lineage Power Corporati...
PDT012A0X LINEAGEPOWER-PDT012A0X Datasheet
776Kb / 32P
12A Digital Pico DLynxTM: Non-Isolated DC-DC Power Modules
PDT012A0X3 LINEAGEPOWER-PDT012A0X3 Datasheet
1Mb / 23P
12A Analog Pico DLynxTM: Non-Isolated DC-DC Power Modules
PDT012A0X3 LINEAGEPOWER-PDT012A0X3 Datasheet
902Kb / 39P
12A Digital Pico DLynxTM: Non-Isolated DC-DC Power Modules
More results


Similar Description - PDT0X1X

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PNZ0300 PANASONIC-PNZ0300 Datasheet
103Kb / 4P
Silicon PIN Photodiodes
logo
KODENSHI_AUK CORP.
HPI6FFR4 KODENSHI-HPI6FFR4 Datasheet
124Kb / 2P
PIN PHOTODIODES
HPI5FCR2 KODENSHI-HPI5FCR2 Datasheet
67Kb / 2P
PIN PHOTODIODES
HPI6FER2 KODENSHI-HPI6FER2 Datasheet
69Kb / 2P
PIN PHOTODIODES
HPI6FFR2 KODENSHI-HPI6FFR2 Datasheet
69Kb / 2P
PIN PHOTODIODES
HPI6FGR4 KODENSHI-HPI6FGR4 Datasheet
69Kb / 2P
PIN PHOTODIODES
HPI307 KODENSHI-HPI307 Datasheet
66Kb / 2P
PIN PHOTODIODES
logo
Unity Opto Technology
MCD-3P4C-312 UOT-MCD-3P4C-312 Datasheet
69Kb / 2P
InGaAs PIN PHOTODIODES
logo
Optoway Technology Inc
PD-8100 OPTOWAY-PD-8100_09 Datasheet
126Kb / 3P
GaAs PIN PHOTODIODES
logo
Hamamatsu Corporation
G12180-003A HAMAMATSU-G12180-003A Datasheet
161Kb / 4P
InGaAs PIN photodiodes
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com