Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDSP-7501 Datasheet (PDF) - Agilent(Hewlett-Packard)

HDSP-7501 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HDSP-7501
Download  HDSP-7501 Download
File Size   218.74 Kbytes
Page   11 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 7.6 mm (0.3 inch) Micro Bright Seven Segment Displays

HDSP-7501 Datasheet (PDF)

Go To PDF Page Download Datasheet
HDSP-7501 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HDSP-7501
Download  HDSP-7501 Click to download

File Size   218.74 Kbytes
Page   11 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 7.6 mm (0.3 inch) Micro Bright Seven Segment Displays

HDSP-7501 Datasheet (HTML) - Agilent(Hewlett-Packard)


HDSP-7501 Product details

Description
The 7.6 mm (0.3 inch) LED seven segment displays are designed for viewing distances up to 3 metres (10 feet). These devices use an industry standard size package and pinout. Both the numeric and ± 1. overflow devices feature a right hand decimal point. All devices are available as either common anode or common cathode.

Features
• Available with Colon for Clock Display
• Compact Package
    0.300 x 0.500 inches
    Leads on 2.54 mm (0.1 inch) Centers
• Choice of Colors
    AlGaAs Red, High
    Efficiency Red, Yellow, Green, Orange
• Excellent Appearance
    Evenly Lighted Segments
    Mitered Corners on Segments
    Surface Color Gives Optimum
    Contrast ± 50° Viewing Angle
• Design Flexibility
    Common Anode or Common Cathode
    Right Hand Decimal Point
    ± 1. Overflow Character
• Categorized for Luminous Intensity
    Yellow and Green Categorized for Color
    Use of Like Categories Yields a Uniform Display
• High Light Output
• High Peak Current
• Excellent for Long Digit
    String Multiplexing
• Intensity and Color Selection Available
    See Intensity and Color
    Selected Displays Data Sheet
• Sunlight Viewable AlGaAs




Similar Part No. - HDSP-7501

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-7501 HP-HDSP-7501 Datasheet
121Kb / 11P
7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-7501 AVAGO-HDSP-7501 Datasheet
209Kb / 10P
7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
HDSP-7501 AVAGO-HDSP-7501 Datasheet
435Kb / 10P
7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
More results


Similar Description - HDSP-7501

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
5082-7610 HP-5082-7610 Datasheet
193Kb / 11P
7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
HDSP-740X HP-HDSP-740X Datasheet
121Kb / 11P
7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
5082-761X AVAGO-5082-761X Datasheet
242Kb / 10P
7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
HDSP-740X AVAGO-HDSP-740X Datasheet
209Kb / 10P
7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
HDSP-3601 AVAGO-HDSP-3601 Datasheet
995Kb / 10P
7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
HDSP-A401 AVAGO-HDSP-A401_10 Datasheet
435Kb / 10P
7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
HDSP-E150 AVAGO-HDSP-E150 Datasheet
995Kb / 10P
7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
HDSP-7801-JK000 AVAGO-HDSP-7801-JK000 Datasheet
224Kb / 10P
7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
HDSP-4603 AVAGO-HDSP-4603 Datasheet
995Kb / 10P
7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
HDSP-A151 AVAGO-HDSP-A151 Datasheet
396Kb / 10P
7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com