Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H1563P Datasheet (PDF) - Hi-Sincerity Mocroelectronics

H1563P Datasheet PDF - Hi-Sincerity Mocroelectronics
Part # H1563P
Download  H1563P Download
File Size   73.79 Kbytes
Page   8 Pages
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics
Description HIGH-EFFICIENCY DC/DC CONVERTER

H1563P Datasheet (PDF)

Go To PDF Page Download Datasheet
H1563P Datasheet PDF - Hi-Sincerity Mocroelectronics

Part # H1563P
Download  H1563P Click to download

File Size   73.79 Kbytes
Page   8 Pages
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics
Description HIGH-EFFICIENCY DC/DC CONVERTER

H1563P Datasheet (HTML) - Hi-Sincerity Mocroelectronics


H1563P Product details

Description
The H1563 is a monolithic control circuit containing the primary functions required for DC to DC converters and highside-sensed constant current source. The device consists of an internal temperature compensated reference, comparator, controlled duty cycle oscillator with an active current sense circuit, bootstrapped driver, and high current output switch. This device is specifically designed to construct a constant current source for battery chargers with a minimum number of external components. Bootstrapped driver can drive the NPN output switch to saturation for higher eff-iciency and less heat dissipation. The H1563 can deliver 1.5A continuous current without requiring a heat sink.

Features
• 3V to 40V Input Voltage Operation
• Internal 2A Peak Current Switch
• 1.5A Continuous Output Current
• Bootstrapped Driver
• High Side Current Sense Capability
• High Efficiency (up to 90%)
• Internal ±2% Reference
• Low Quiescent Current at 1.6mA
• Frequency Operation from 100Hz to 100KHz

Applications
• Constant Current Source for Battery Chargers
• Saver for Cellular Phone
• Step-Down DC-DC Converter Module




Similar Part No. - H1563P

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
H15 MCC-H15 Datasheet
108Kb / 4P
500 mW Zener Diode 1.7 to 37.2 Volts
logo
Power-One
H15 POWER-ONE-H15 Datasheet
262Kb / 9P
Cassette Style Mating Connectors
logo
Eaton All Rights Reserv...
H15 EATON-H15 Datasheet
305Kb / 2P
PCB fuse holders for 5 mm x 20 mm fuses
logo
SOVICO corp.
H15 SOVICO-H15 Datasheet
1,018Kb / 2P
Multi purposed Full-range
2021.04
logo
Micro Commercial Compon...
H15-1 MCC-H15-1 Datasheet
108Kb / 4P
500 mW Zener Diode 1.7 to 37.2 Volts
More results


Similar Description - H1563P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1204T PHILIPS-TEA1204T Datasheet
109Kb / 20P
High efficiency DC/DC converter
1998 Mar 02
TEA1205AT PHILIPS-TEA1205AT Datasheet
107Kb / 16P
High efficiency DC/DC converter
1998 Mar 24
TEA1206T PHILIPS-TEA1206T Datasheet
78Kb / 16P
High efficiency DC/DC converter
1999 Sep 16
TEA1207T PHILIPS-TEA1207T Datasheet
77Kb / 16P
High efficiency DC/DC converter
1999 Oct 21
logo
Analog Intergrations Co...
AIC1562 AIC-AIC1562 Datasheet
256Kb / 7P
High-Efficiency, Bootstrapped DC/DC Converter
logo
NXP Semiconductors
TEA1208T PHILIPS-TEA1208T Datasheet
88Kb / 20P
High efficiency DC/DC converter
2002 Nov 15
logo
Toshiba Semiconductor
TPC8021-H TOSHIBA-TPC8021-H Datasheet
501Kb / 7P
High-Efficiency DC/DC Converter Applications
TPC8022-H TOSHIBA-TPC8022-H Datasheet
331Kb / 7P
High-Efficiency DC/DC Converter Applications
TPC8212-H TOSHIBA-TPC8212-H Datasheet
446Kb / 7P
High-Efficiency DC/DC Converter Applications
logo
Unisonic Technologies
UTC3563 UTC-UTC3563_15 Datasheet
247Kb / 10P
HIGH-EFFICIENCY DC/DC CONVERTER
More results




About Hi-Sincerity Mocroelectronics


Hi-Sincerity Microelectronics is a semiconductor company based in Taiwan that designs and manufactures a wide range of analog and mixed-signal integrated circuits (ICs) for various applications. The company was founded in 1998 and has since become a leading provider of analog ICs in Asia.

Hi-Sincerity's product portfolio includes power management ICs, audio amplifiers, LED drivers, motor controllers, and other analog and mixed-signal ICs. The company's products are used in a variety of end markets, including consumer electronics, automotive, industrial, and communication systems.

One of Hi-Sincerity's strengths is its ability to develop customized solutions for customers with specific requirements. The company has a team of experienced engineers who work closely with customers to understand their needs and develop tailored solutions that meet their specifications.

In addition to its design and development capabilities, Hi-Sincerity also has strong manufacturing capabilities. The company operates a modern semiconductor fabrication facility in Taiwan that is capable of producing a wide range of analog and mixed-signal ICs using advanced process technologies.

Hi-Sincerity is committed to quality and reliability, and its products are widely recognized for their performance and reliability. The company has received numerous awards and certifications for its quality management systems and environmental management systems, including ISO 9001, ISO 14001, and IATF 16949.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com