Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUR1660 Datasheet (PDF) - Sangdest Microelectronic (Nanjing) Co., Ltd

MUR1660 Datasheet PDF - Sangdest Microelectronic (Nanjing) Co., Ltd
Part # MUR1660
Download  MUR1660 Download
File Size   202.42 Kbytes
Page   5 Pages
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd
Description ULTRAFAST PLASTIC RECTIFIER

MUR1660 Datasheet (PDF)

Go To PDF Page Download Datasheet
MUR1660 Datasheet PDF - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # MUR1660
Download  MUR1660 Click to download

File Size   202.42 Kbytes
Page   5 Pages
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd
Description ULTRAFAST PLASTIC RECTIFIER

MUR1660 Datasheet (HTML) - Sangdest Microelectronic (Nanjing) Co., Ltd


MUR1660 Product details

Features:
• Utra-Fast Switching
• High Current Capability
• Low Reverse Leakage Current
• High Surge Current Capability
• Plastic Material has UL Flammability Classification 94V-O
• This is a Pb − Free Device
• All SMC parts are traceable to the wafer lot
• Additional testing can be offered upon request

Applications:
• Switching Power Supply
• Power Switching Circuits
• General Purpose




Similar Part No. - MUR1660

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
MUR1660 DACHANG-MUR1660 Datasheet
149Kb / 2P
Plastic Ultra-Fast Recover Rectifier Reverse Voltage 100 to 600 V Forward Current 16 A
logo
Kersemi Electronic Co.,...
MUR1660 KERSEMI-MUR1660 Datasheet
815Kb / 2P
16 Amp Super Fast Glass Passivated Rectifier
MUR1660 KERSEMI-MUR1660 Datasheet
816Kb / 2P
16 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
MUR1660 KERSEMI-MUR1660 Datasheet
817Kb / 2P
16 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
MUR1660 KERSEMI-MUR1660 Datasheet
814Kb / 2P
16 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
More results


Similar Description - MUR1660

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
31GF4 VISHAY-31GF4 Datasheet
93Kb / 4P
Ultrafast Plastic Rectifier
20-Aug-07
MUR140 VISHAY-MUR140 Datasheet
95Kb / 4P
Ultrafast Plastic Rectifier
20-Aug-07
MUR420 VISHAY-MUR420 Datasheet
93Kb / 4P
Ultrafast Plastic Rectifier
20-Aug-07
MUR440 VISHAY-MUR440 Datasheet
94Kb / 4P
Ultrafast Plastic Rectifier
20-Aug-07
31GF4 VISHAY-31GF4_09 Datasheet
67Kb / 4P
Ultrafast Plastic Rectifier
23-Oct-09
UG2F VISHAY-UG2F Datasheet
73Kb / 4P
Ultrafast Plastic Rectifier
23-Oct-09
logo
Sangdest Microelectroni...
ER3JA SMC-ER3JA Datasheet
219Kb / 6P
ULTRAFAST PLASTIC RECTIFIER
MUR530AX SMC-MUR530AX Datasheet
166Kb / 5P
ULTRAFAST PLASTIC RECTIFIER
MUR860 SMC-MUR860 Datasheet
207Kb / 5P
ULTRAFAST PLASTIC RECTIFIER
MUR860AX SMC-MUR860AX Datasheet
166Kb / 5P
ULTRAFAST PLASTIC RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com