Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H3842S Datasheet (PDF) - Hi-Sincerity Mocroelectronics

H3842S Datasheet PDF - Hi-Sincerity Mocroelectronics
Part # H3842S
Download  H3842S Download
File Size   155.48 Kbytes
Page   10 Pages
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics
Description HIGH PERFORMANCE CURRENT MODE CONTROLERS

H3842S Datasheet (PDF)

Go To PDF Page Download Datasheet
H3842S Datasheet PDF - Hi-Sincerity Mocroelectronics

Part # H3842S
Download  H3842S Click to download

File Size   155.48 Kbytes
Page   10 Pages
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics
Description HIGH PERFORMANCE CURRENT MODE CONTROLERS

H3842S Datasheet (HTML) - Hi-Sincerity Mocroelectronics


H3842S Product details

Description
The H3842S is high performance fixed frequency current mode controllers. That is specifically designed for OffLine and DC To DC converter applications offering the designer a costeffective solution with minimal external components. These integrated circuits feature a trimmed oscillator for precise duty cycle control. A temperature compensated reference, high gain error amplifier, current sensing compara-tor, and a high current totem pole output ideally suited for driving a power MOSFET. Also included are protective features consisting of input and reference undervoltage lockouts each with hysteresis, cycle-by-cycle current limiting, programmable output deadtime, and a latch for single pulse metering.

Features
• Trimmed Oscillator for Precise Frequency Control
• Oscillator Frequency Guaranteed at 250 kHz
• Current Mode Operation to 500 kHz
• Automatic Feed Forward Compensation
• Latching PWM for Cycle-By-Cycle Current Limiting
• Internally Trimmed Reference with Undervoltage Lockout
• High Current Totem Pole Output
• Undervoltage Lockout with Hysteresis
• Low Startup and Operating Current




Similar Part No. - H3842S

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H3842 HSMC-H3842 Datasheet
154Kb / 10P
HIGH PERFORMANCE CURRENT MODE CONTROLERS
H3842P HSMC-H3842P Datasheet
154Kb / 10P
HIGH PERFORMANCE CURRENT MODE CONTROLERS
More results


Similar Description - H3842S

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H3842P HSMC-H3842P Datasheet
154Kb / 10P
HIGH PERFORMANCE CURRENT MODE CONTROLERS
logo
List of Unclassifed Man...
PJ3842 ETC-PJ3842 Datasheet
375Kb / 15P
High Performance Current Mode Controller
AX3842 ETC-AX3842 Datasheet
265Kb / 12P
High Performance Current Mode Pwm Controlers
GP3842 ETC2-GP3842 Datasheet
1Mb / 9P
HIGH PERFORMANCE CURRENT MODE CONTROLERS
logo
GTM CORPORATION
GP3842 GTM-GP3842 Datasheet
1Mb / 9P
HIGH PERFORMANCE CURRENT MODE CONTROLERS
GP3843 GTM-GP3843 Datasheet
1Mb / 9P
HIGH PERFORMANCE CURRENT MODE CONTROLERS
GSC3842 GTM-GSC3842 Datasheet
1Mb / 9P
HIGH PERFORMANCE CURRENT MODE CONTROLERS
GSC3843 GTM-GSC3843 Datasheet
1Mb / 9P
HIGH PERFORMANCE CURRENT MODE CONTROLERS
logo
SeCoS Halbleitertechnol...
SPW3842D SECOS-SPW3842D Datasheet
1Mb / 10P
High Performance Current Mode Controlers
SPW3842S SECOS-SPW3842S Datasheet
1Mb / 10P
High Performance Current Mode Controlers
More results




About Hi-Sincerity Mocroelectronics


Hi-Sincerity Microelectronics is a semiconductor company based in Taiwan that designs and manufactures a wide range of analog and mixed-signal integrated circuits (ICs) for various applications. The company was founded in 1998 and has since become a leading provider of analog ICs in Asia.

Hi-Sincerity's product portfolio includes power management ICs, audio amplifiers, LED drivers, motor controllers, and other analog and mixed-signal ICs. The company's products are used in a variety of end markets, including consumer electronics, automotive, industrial, and communication systems.

One of Hi-Sincerity's strengths is its ability to develop customized solutions for customers with specific requirements. The company has a team of experienced engineers who work closely with customers to understand their needs and develop tailored solutions that meet their specifications.

In addition to its design and development capabilities, Hi-Sincerity also has strong manufacturing capabilities. The company operates a modern semiconductor fabrication facility in Taiwan that is capable of producing a wide range of analog and mixed-signal ICs using advanced process technologies.

Hi-Sincerity is committed to quality and reliability, and its products are widely recognized for their performance and reliability. The company has received numerous awards and certifications for its quality management systems and environmental management systems, including ISO 9001, ISO 14001, and IATF 16949.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com