Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H393P Datasheet (PDF) - Hi-Sincerity Mocroelectronics

H393P Datasheet PDF - Hi-Sincerity Mocroelectronics
Part # H393P
Download  H393P Download
File Size   34.8 Kbytes
Page   3 Pages
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics
Description LOW POWER LOW OFFSET VOLTAGE COMPARATORS

H393P Datasheet (PDF)

Go To PDF Page Download Datasheet
H393P Datasheet PDF - Hi-Sincerity Mocroelectronics

Part # H393P
Download  H393P Click to download

File Size   34.8 Kbytes
Page   3 Pages
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics
Description LOW POWER LOW OFFSET VOLTAGE COMPARATORS

H393P Datasheet (HTML) - Hi-Sincerity Mocroelectronics


H393P Product details

Description
The H393P series consists of two independent precision voltage comparators designed specifically to operate from a single power supply over a wide range of voltages, the input common mode voltage range includes ground. Owing to adoption of clamp circuitry in input pins, misoperation is prevented by negative input.

Features
• Wide power supply voltage range
    Single power supply...................................................................................... 2 V to 30 V
    Dual power supplies................................................................................ ± 1 V to ± 15 V
• Wide input common-mode voltage range ............................................ 0 V to (Vcc-1.5) V
• Low input bias current ....................................................................................... 25 nA typ.
• High sink current capability because of open collector otput 40mA min.




Similar Part No. - H393P

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
H3904 HUASHAN-H3904 Datasheet
71Kb / 1P
NPN SILICON TRANSISTOR
H3906 HUASHAN-H3906 Datasheet
71Kb / 1P
PNP SILICON TRANSISTOR
H3950 HUASHAN-H3950 Datasheet
115Kb / 1P
NPN SILICON TRANSISTOR
H3953 HUASHAN-H3953 Datasheet
115Kb / 1P
NPN SILICON TRANSISTOR
logo
Guangdong Huixin Electr...
H397N6HD7 HUIXIN-H397N6HD7 Datasheet
537Kb / 6P
65V Single N-Channel MOSFET
More results


Similar Description - H393P

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM139 NSC-LM139 Datasheet
465Kb / 19P
Low Power Low Offset Voltage Quad Comparators
logo
List of Unclassifed Man...
AZ393 ETC1-AZ393 Datasheet
238Kb / 9P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
BCD Semiconductor Manuf...
AZ393 BCDSEMI-AZ393_06 Datasheet
238Kb / 10P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
Taiwan Semiconductor Co...
TS331 TSC-TS331 Datasheet
218Kb / 5P
Low Power Low Offset Voltage Comparators
TS331 TSC-TS331_10 Datasheet
543Kb / 5P
Low Power Low Offset Voltage Comparators
TS331 TSC-TS331_14 Datasheet
246Kb / 5P
Low Power Low Offset Voltage Comparators
logo
Texas Instruments
LM193-N TI1-LM193-N_15 Datasheet
1Mb / 29P
Low-Power, Low-Offset Voltage, Dual Comparators
logo
Guangdong Kexin Industr...
KM393N KEXIN-KM393N Datasheet
80Kb / 2P
Low Power Low Offset Voltage Dual Comparators
logo
ARTSCHIP ELECTRONICS CO...
LM193 ARTSCHIP-LM193 Datasheet
489Kb / 15P
Low Power Low Offset Voltage Dual Comparators
logo
AiT Semiconductor Inc.
AO393V AITSEMI-AO393V Datasheet
778Kb / 10P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
REV1.0
More results




About Hi-Sincerity Mocroelectronics


Hi-Sincerity Microelectronics is a semiconductor company based in Taiwan that designs and manufactures a wide range of analog and mixed-signal integrated circuits (ICs) for various applications. The company was founded in 1998 and has since become a leading provider of analog ICs in Asia.

Hi-Sincerity's product portfolio includes power management ICs, audio amplifiers, LED drivers, motor controllers, and other analog and mixed-signal ICs. The company's products are used in a variety of end markets, including consumer electronics, automotive, industrial, and communication systems.

One of Hi-Sincerity's strengths is its ability to develop customized solutions for customers with specific requirements. The company has a team of experienced engineers who work closely with customers to understand their needs and develop tailored solutions that meet their specifications.

In addition to its design and development capabilities, Hi-Sincerity also has strong manufacturing capabilities. The company operates a modern semiconductor fabrication facility in Taiwan that is capable of producing a wide range of analog and mixed-signal ICs using advanced process technologies.

Hi-Sincerity is committed to quality and reliability, and its products are widely recognized for their performance and reliability. The company has received numerous awards and certifications for its quality management systems and environmental management systems, including ISO 9001, ISO 14001, and IATF 16949.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com