Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS7341-1B Datasheet (PDF) - NEC

PS7341-1B Datasheet PDF - NEC
Part # PS7341-1B
Download  PS7341-1B Download
File Size   68.78 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description HIGH ISOLATION VOLTAGE 6-PIN DIP OCMOS FET 1-ch OCMOS FET

PS7341-1B Datasheet (PDF)

Go To PDF Page Download Datasheet
PS7341-1B Datasheet PDF - NEC

Part # PS7341-1B
Download  PS7341-1B Click to download

File Size   68.78 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description HIGH ISOLATION VOLTAGE 6-PIN DIP OCMOS FET 1-ch OCMOS FET

PS7341-1B Datasheet (HTML) - NEC


PS7341-1B Product details

DESCRIPTION

The PS7341-1B and PS7341L-1B are solid state relays containing a GaAs LED on the light emitting side (input side) and normally close (N.C.) contact MOS FETs on the output side. They are suitable for analog signal control because of their low offset and high linearity. The PS7341L-1B has a surface mount type lead.



FEATURES

• High isolation voltage (BV = 3 750 Vr.m.s.)

• 1 channel type (1 b output)

• Low LED Operating Current (IF= 2 mA)

• Designed for AC/DC switching line changer

• Small package (6-pin DIP)

• Low offset voltage

• PS7341L-1B: Surface mount type

• UL approved: File No. E72422 (S)

• BSI approved: No. 8252/8253

• CSA approved: CA 101391



APPLICATIONS

• Exchange equipment

• Measurement equipment

• FA/OA equipment




Similar Part No. - PS7341-1B

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7341-1B CEL-PS7341-1B Datasheet
358Kb / 11P
HIGH ISOLATION VOLTAGE 6-PIN DIP OCMOS FET (1-ch OCMOS FET)
logo
Renesas Technology Corp
PS7341-1B RENESAS-PS7341-1B Datasheet
263Kb / 16P
HIGH ISOLATION VOLTAGE 6-PIN DIP 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
California Eastern Labs
PS7341-1B-A CEL-PS7341-1B-A Datasheet
358Kb / 11P
HIGH ISOLATION VOLTAGE 6-PIN DIP OCMOS FET (1-ch OCMOS FET)
More results


Similar Description - PS7341-1B

ManufacturerPart #DatasheetDescription
logo
NEC
PS7241S-1A NEC-PS7241S-1A Datasheet
36Kb / 4P
CURRENT LIMIT TYPE 4-PIN SOP 400 V OCMOS FET 1-ch OCMOS FET
PS7342-1A NEC-PS7342-1A Datasheet
74Kb / 12P
6-PIN DIP, HIGH ISOLATION VOLTAGE 1-ch Optical Coupled MOS FET
PS7360-1A NEC-PS7360-1A Datasheet
74Kb / 12P
6-PIN DIP, HIGH ISOLATION VOLTAGE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7341-1A CEL-PS7341-1A Datasheet
349Kb / 11P
6-PIN DIP, HIGH ISOLATION VOLTAGE 1-ch Optical Coupled MOS FET
PS7241C-1A CEL-PS7241C-1A Datasheet
34Kb / 2P
CURRENT LIMIT TYPE 4 PIN SOP 400 V 1-CH OCMOS FET
PS7221A-2A CEL-PS7221A-2A Datasheet
213Kb / 12P
Solid State Relay OCMOS FET
PS7200R-1A CEL-PS7200R-1A Datasheet
202Kb / 13P
Solid State Relay OCMOS FET
PS7141C-2A CEL-PS7141C-2A Datasheet
353Kb / 14P
Solid State Relay OCMOS FET
PS7341-1B CEL-PS7341-1B Datasheet
358Kb / 11P
HIGH ISOLATION VOLTAGE 6-PIN DIP OCMOS FET (1-ch OCMOS FET)
PS710CL2-1A CEL-PS710CL2-1A Datasheet
194Kb / 14P
Solid State Relay OCMOS FET
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com