Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS7522-1A Datasheet (PDF) - NEC

PS7522-1A Datasheet PDF - NEC
Part # PS7522-1A
Download  PS7522-1A Download
File Size   81.8 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 6, 8-PIN DIP, SLOW SWITCHING TYPE 1-ch, 2-ch Optical Coupled MOS FET

PS7522-1A Datasheet (PDF)

Go To PDF Page Download Datasheet
PS7522-1A Datasheet PDF - NEC

Part # PS7522-1A
Download  PS7522-1A Click to download

File Size   81.8 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 6, 8-PIN DIP, SLOW SWITCHING TYPE 1-ch, 2-ch Optical Coupled MOS FET

PS7522-1A Datasheet (HTML) - NEC


PS7522-1A Product details

DESCRIPTION
The PS7522-1A, -2A and PS7522L-1A, -2A are solid state relays containing GaAs LEDs on the light emitting side (input side) and MOS FETs on the output side.
They are suitable for equipments which are necessary to prevent some noise, because of their slow switching speed at turn-on or turn-off.
The PS7522L-1A, -2A have a surface mount type lead.

FEATURES
• 1 channel type (1 a output) or 2 channel type (1 a + 1 a output)
• Low LED operating current (IF = 1 mA)
• Designed for AC/DC switching line changer
• Small package (6, 8-pin DIP)
• Slow turn-on time, slow turn-off time (ton = 12 ms MAX., toff = 6.5 ms MAX.)
• Low offset voltage
• PS7522L-1A, -2A: Surface mount type
• UL approved: File No. E72422 (S)
• BSI approved: No. 8245/8246
• CSA approved: No. CA 101391

APPLICATIONS
• Exchange equipment
• Measurement equipment
• FA/OA equipment




Similar Part No. - PS7522-1A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7522-1A CEL-PS7522-1A Datasheet
67Kb / 7P
6, 8 PIN DIP SLOW SWITCHING TYPE 1-CH, 2-CH OPTICAL COUPLED MOSFET
More results


Similar Description - PS7522-1A

ManufacturerPart #DatasheetDescription
logo
NEC
PS7113-1A NEC-PS7113-1A Datasheet
82Kb / 12P
6, 8-PIN DIP, 350 mA CONTINUOUS LOAD CURRENT 1-ch, 2-ch Optical Coupled MOS FET
PS7122-1A NEC-PS7122-1A Datasheet
81Kb / 12P
6, 8-PIN DIP, 200 V BREAK DOWN VOLTAGE 1-ch, 2-ch Optical Coupled MOS FET
PS7342-1A NEC-PS7342-1A Datasheet
74Kb / 12P
6-PIN DIP, HIGH ISOLATION VOLTAGE 1-ch Optical Coupled MOS FET
PS7360-1A NEC-PS7360-1A Datasheet
74Kb / 12P
6-PIN DIP, HIGH ISOLATION VOLTAGE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7142-1B CEL-PS7142-1B Datasheet
389Kb / 11P
6, 8-PIN DIP, 400 V BREAK DOWN VOLTAGE, NORMALLY CLOSE TYPE 1-ch, 2-ch Optical Coupled MOS FET
PS7341-1A CEL-PS7341-1A Datasheet
349Kb / 11P
6-PIN DIP, HIGH ISOLATION VOLTAGE 1-ch Optical Coupled MOS FET
PS7141-1B CEL-PS7141-1B Datasheet
384Kb / 11P
6, 8-PIN DIP, 400 V BREAK DOWN VOLTAGE, NORMALLY CLOSE TYPE 1-ch, 2-ch Optical Coupled MOS FET
PS7522-1A CEL-PS7522-1A Datasheet
67Kb / 7P
6, 8 PIN DIP SLOW SWITCHING TYPE 1-CH, 2-CH OPTICAL COUPLED MOSFET
PS71421B CEL-PS71421B Datasheet
391Kb / 15P
6, 8-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch, 2-ch Optical Coupled MOS FET
PS7122A-1B CEL-PS7122A-1B Datasheet
381Kb / 15P
6, 8-PIN DIP, 250 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch, 2-ch Optical Coupled MOS FET
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com