Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1G14GS Datasheet (PDF) - NXP Semiconductors

74LVC1G14GS Datasheet PDF - NXP Semiconductors
Part # 74LVC1G14GS
Download  74LVC1G14GS Download
File Size   368.48 Kbytes
Page   20 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Single Schmitt-trigger inverter

74LVC1G14GS Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC1G14GS Datasheet PDF - NXP Semiconductors

Part # 74LVC1G14GS
Download  74LVC1G14GS Click to download

File Size   368.48 Kbytes
Page   20 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Single Schmitt-trigger inverter

74LVC1G14GS Datasheet (HTML) - NXP Semiconductors


74LVC1G14GS Product details

DESCRIPTION
The 74LVC1G14 is a high-performance, low-power, low-voltage, Si-gate CMOS device, superior to most advanced CMOS compatible TTL families.
The input can be driven from either 3.3 V or 5 V devices.
This feature allows the use of this device in a mixed 3.3 V and 5 V environment.
Schmitt-trigger action at the input makes the circuit tolerant for slower input rise and fall time.
This device is fully specified for partial power-down applications using Ioff. The Ioff circuitry disables the output, preventing the damaging backflow current through the device when it is powered down.
The 74LVC1G14 provides the inverting buffer function with Schmitt-trigger action.

FEATURES
• Wide supply voltage range from 1.65 V to 5.5 V
• High noise immunity
• Complies with JEDEC standard:
   – JESD8-7 (1.65 V to 1.95 V)
   – JESD8-5 (2.3 V to 2.7 V)
   – JESD8B/JESD36 (2.7 V to 3.6 V).
• ±24 mA output drive (VCC = 3.0 V)
• CMOS low power consumption
• Latch-up performance exceeds 250 mA
• Direct interface with TTL levels
• Unlimited rise and fall times
• Input accepts voltages up to 5 V
• Multiple package options
• ESD protection:
   – HBM EIA/JESD22-A114-B exceeds 2000 V
   – MM EIA/JESD22-A115-A exceeds 200 V.
• Specified from −40 °C to +85 °C and
   −40 °C to +125 °C.




Similar Part No. - 74LVC1G14GS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC1G14GS NEXPERIA-74LVC1G14GS Datasheet
290Kb / 19P
Single Schmitt-trigger inverter
Rev. 17 - 20 January 2022
74LVC1G14GS NEXPERIA-74LVC1G14GS Datasheet
246Kb / 21P
Single Schmitt-trigger inverter
Rev. 14 2 December 2016
74LVC1G14GS NEXPERIA-74LVC1G14GS Datasheet
318Kb / 20P
Single Schmitt-trigger inverter
Rev. 19.1 3 September 2024
More results


Similar Description - 74LVC1G14GS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC1G14 TI-SN74AUC1G14 Datasheet
320Kb / 13P
SINGLE SCHMITT TRIGGER INVERTER
logo
NXP Semiconductors
74LVC1G14 PHILIPS-74LVC1G14 Datasheet
100Kb / 17P
Single Schmitt-trigger inverter
2004 Sep 10
logo
Texas Instruments
SN74AUC1G14-EP TI-SN74AUC1G14-EP Datasheet
158Kb / 9P
SINGLE SCHMITT-TRIGGER INVERTER
logo
NXP Semiconductors
74LVC1G14 NXP-74LVC1G14 Datasheet
99Kb / 16P
Single Schmitt-trigger inverter
Rev. 07-18 July 2007
logo
ON Semiconductor
NLU1G14 ONSEMI-NLU1G14_12 Datasheet
137Kb / 10P
Single Schmitt-Trigger Inverter
July, 2012 ??Rev. 2
logo
NXP Semiconductors
74LVC1G14GW.125 NXP-74LVC1G14GW.125 Datasheet
368Kb / 20P
Single Schmitt-trigger inverter
Rev. 12-6 August 2012
logo
Unisonic Technologies
U74AHCT1G14 UTC-U74AHCT1G14 Datasheet
198Kb / 4P
SINGLE SCHMITT-TRIGGER INVERTER
logo
Texas Instruments
SN74LVC1G14 TI1-SN74LVC1G14_15 Datasheet
1Mb / 27P
Single Schmitt-Trigger Inverter
logo
Unisonic Technologies
U74LVC1G14 UTC-U74LVC1G14_V01 Datasheet
181Kb / 5P
SINGLE SCHMITT-TRIGGER INVERTER
logo
Diodes Incorporated
74AHC1G14Q DIODES-74AHC1G14Q Datasheet
662Kb / 9P
SINGLE SCHMITT-TRIGGER INVERTER
March 2022 Rev. 2 - 2
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com