Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T83C5102 Datasheet (PDF) - ATMEL Corporation

T83C5102 Datasheet PDF - ATMEL Corporation
Part # T83C5102
Download  T83C5102 Download
File Size   48.48 Kbytes
Page   3 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description During UART Reception, Clearing REN May Generate Unexpected IT

T83C5102 Datasheet (PDF)

Go To PDF Page Download Datasheet
T83C5102 Datasheet PDF - ATMEL Corporation

Part # T83C5102
Download  T83C5102 Click to download

File Size   48.48 Kbytes
Page   3 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description During UART Reception, Clearing REN May Generate Unexpected IT

T83C5102 Datasheet (HTML) - ATMEL Corporation


T83C5102 Product details

Description
The T8xC5101/02 family is a high performance CMOS ROM, OTP, EPROM derivative of the 80C51 CMOS single chip 8-bit microcontroller.

Features
• 80C51 Code Compatible
    – 8051 Instruction Compatible
    – 16 I/O + 2 Outputs in 24 Pin Packages
       16 I/O + 6 Outputs in 28 Pin Packages
    – Three 16-bit Timer/Counters
    – 256 Bytes Scratchpad RAM
• Program Memory
    – 8 KB ROM T83C5102
    – 16 KB ROM T83C5101
    – 16 KB EPROM/OTP T87C5101
• High-speed Architecture
• 40 MHz from 2.7 to 5.5V, Commercial or Industrial Temperature Range:
    – 40 MHz with a 40 MHz Crystal In Std. Mode
    – 40 MHz with a 20 MHz Crystal In X2 Mode
• 66 MHz from 4.5 to 5.5V, Commercial Temperature Range
    – 40 MHz with a 40 MHz Crystal in Std. Mode
    – 66 MHz with a 33 MHz Crystal in X2 Mode
• Dual Data Pointer
• On-chip eXpanded RAM (XRAM) (256 bytes)
• Programmable Clock Out and Up/Down Timer/Counter 2
• Asynchronous Port Reset
• Interrupt Structure with
    – 6 Interrupt Sources,
    – 4-Level Priority Interrupt System
• Full-duplex Enhanced UART
    – Framing Error Detection
    – Automatic Address Recognition
• Low EMI (no ALE)
• Power Control Modes
    – Idle Mode
    – Power-down Mode
• Packages: SO24, DIL24, SSOP24, SO28




Similar Part No. - T83C5102

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T83C5102 ATMEL-T83C5102 Datasheet
740Kb / 58P
8-bit Low Pin Count Microcontrollers
logo
TEMIC Semiconductors
T83C5102 TEMIC-T83C5102 Datasheet
243Kb / 52P
8-bit Low pin count Microcontrollers, 0-66 MHz
logo
ATMEL Corporation
T83C5102 ATMEL-T83C5102 Datasheet
678Kb / 58P
8-bit Low Pin Count Microcontrollers
T83C5102XXX-3ZSCL ATMEL-T83C5102XXX-3ZSCL Datasheet
740Kb / 58P
8-bit Low Pin Count Microcontrollers
T83C5102XXX-3ZSCL ATMEL-T83C5102XXX-3ZSCL Datasheet
678Kb / 58P
8-bit Low Pin Count Microcontrollers
More results


Similar Description - T83C5102

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T83C5101 ATMEL-T83C5101_14 Datasheet
48Kb / 3P
UART/Reception in Modes 1, 2 and 3/UART False Start Bits Detection
AT89C51IC2 ATMEL-AT89C51IC2_14 Datasheet
361Kb / 2P
During UART Reception, Clearing REN may Generate Unexpected IT
AT80C51ID2 ATMEL-AT80C51ID2_14 Datasheet
73Kb / 4P
During UART Reception, Clearing REN May Generate Unexpected IT
AT80C51RD2 ATMEL-AT80C51RD2_14 Datasheet
73Kb / 4P
During UART Reception, Clearing REN May Generate Unexpected IT
AT83C51IC2 ATMEL-AT83C51IC2_14 Datasheet
73Kb / 4P
During UART Reception, Clearing REN May Generate Unexpected IT
AT83C51RB2 ATMEL-AT83C51RB2_14 Datasheet
73Kb / 4P
During UART Reception, Clearing REN May Generate Unexpected IT
AT83C51RC2 ATMEL-AT83C51RC2_14 Datasheet
73Kb / 4P
During UART Reception, Clearing REN May Generate Unexpected IT
AT89C51ED2 ATMEL-AT89C51ED2_14 Datasheet
55Kb / 4P
During UART Reception, Clearing REN May Generate Unexpected IT
AT89C51RD2 ATMEL-AT89C51RD2_14 Datasheet
55Kb / 4P
During UART Reception, Clearing REN May Generate Unexpected IT
TS87C51RB2 ATMEL-TS87C51RB2_14 Datasheet
68Kb / 3P
UART/Reception in Modes 1, 2 and 3/UART False Start Bits Detection
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com