Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N2129A Datasheet (PDF) - GeneSiC Semiconductor, Inc.

1N2129A Datasheet PDF - GeneSiC Semiconductor, Inc.
Part # 1N2129A
Download  1N2129A Download
File Size   646.91 Kbytes
Page   3 Pages
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.
Description Silicon Standard Recovery Diode

1N2129A Datasheet (PDF)

Go To PDF Page Download Datasheet
1N2129A Datasheet PDF - GeneSiC Semiconductor, Inc.

Part # 1N2129A
Download  1N2129A Click to download

File Size   646.91 Kbytes
Page   3 Pages
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.
Description Silicon Standard Recovery Diode

1N2129A Datasheet (HTML) - GeneSiC Semiconductor, Inc.


1N2129A Product details

Features
• High Surge Capability
• Types from 50 V to 200 V VRRM
• Not ESD Sensitive




Similar Part No. - 1N2129A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
1N2129A IRF-1N2129A Datasheet
377Kb / 5P
35,40,and 60 Amp Power Silicon Rectifier Diodes
logo
Vishay Siliconix
1N2129A VISHAY-1N2129A Datasheet
274Kb / 6P
Power Silicon Rectifier Diodes, 35 A/40 A/60 A
04-Dec-12
1N2129A VISHAY-1N2129A Datasheet
297Kb / 8P
Power Silicon Rectifier Diodes, 35 A/40 A/60 A
25-May-09
logo
America Semiconductor, ...
1N2129A AMERICASEMI-1N2129A Datasheet
404Kb / 2P
DEVICE HIGH POWER STANDARD
logo
Naina Semiconductor ltd...
1N2129A NAINA-1N2129A Datasheet
552Kb / 2P
Standard Recovery Diode, 60A
More results


Similar Description - 1N2129A

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
1N3208 GENESIC-1N3208_16 Datasheet
679Kb / 3P
Silicon Standard Recovery Diode
1N3212 GENESIC-1N3212_16 Datasheet
714Kb / 3P
Silicon Standard Recovery Diode
1N3765 GENESIC-1N3765_16 Datasheet
728Kb / 3P
Silicon Standard Recovery Diode
1N4588 GENESIC-1N4588_16 Datasheet
748Kb / 3P
Silicon Standard Recovery Diode
GKN7104 GENESIC-GKN7104_16 Datasheet
561Kb / 3P
Silicon Standard Recovery Diode
S25K GENESIC-S25K_16 Datasheet
784Kb / 3P
Silicon Standard Recovery Diode
S6K GENESIC-S6K_16 Datasheet
791Kb / 3P
Silicon Standard Recovery Diode
S16K GENESIC-S16K_16 Datasheet
782Kb / 3P
Silicon Standard Recovery Diode
S70B GENESIC-S70B_16 Datasheet
646Kb / 3P
Silicon Standard Recovery Diode
S85K GENESIC-S85K_16 Datasheet
611Kb / 3P
Silicon Standard Recovery Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com