Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

150K20A Datasheet (PDF) - GeneSiC Semiconductor, Inc.

150K20A Datasheet PDF - GeneSiC Semiconductor, Inc.
Part # 150K20A
Download  150K20A Download
File Size   719.08 Kbytes
Page   3 Pages
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.
Description Silicon Standard Recovery Diode

150K20A Datasheet (PDF)

Go To PDF Page Download Datasheet
150K20A Datasheet PDF - GeneSiC Semiconductor, Inc.

Part # 150K20A
Download  150K20A Click to download

File Size   719.08 Kbytes
Page   3 Pages
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.
Description Silicon Standard Recovery Diode

150K20A Datasheet (HTML) - GeneSiC Semiconductor, Inc.


150K20A Product details

Features
• High Surge Capability
• Types from 200 V to 1000 V VRRM
• Not ESD Sensitive




Similar Part No. - 150K20A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
150K20A VISHAY-150K20A Datasheet
166Kb / 6P
Standard Recovery Diodes (Stud Version), 150 A
21-May-08
150K20A VISHAY-150K20A Datasheet
198Kb / 9P
Standard Recovery Diodes (Stud Version), 150 A
21-May-08
logo
New Jersey Semi-Conduct...
150K20A NJSEMI-150K20A Datasheet
61Kb / 1P
Rectifiers Standard Recovery
logo
America Semiconductor, ...
150K20A AMERICASEMI-150K20A Datasheet
436Kb / 2P
DO8 STUD DEVICES STANDARD RECTIFIER
logo
New Jersey Semi-Conduct...
150K20A NJSEMI-150K20A Datasheet
149Kb / 1P
20 STERN AVE. SPRINGFIELD, NEW JERSEY 07081
More results


Similar Description - 150K20A

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
1N3208 GENESIC-1N3208_16 Datasheet
679Kb / 3P
Silicon Standard Recovery Diode
1N3212 GENESIC-1N3212_16 Datasheet
714Kb / 3P
Silicon Standard Recovery Diode
1N3765 GENESIC-1N3765_16 Datasheet
728Kb / 3P
Silicon Standard Recovery Diode
1N4588 GENESIC-1N4588_16 Datasheet
748Kb / 3P
Silicon Standard Recovery Diode
GKN7104 GENESIC-GKN7104_16 Datasheet
561Kb / 3P
Silicon Standard Recovery Diode
S25K GENESIC-S25K_16 Datasheet
784Kb / 3P
Silicon Standard Recovery Diode
S6K GENESIC-S6K_16 Datasheet
791Kb / 3P
Silicon Standard Recovery Diode
S16K GENESIC-S16K_16 Datasheet
782Kb / 3P
Silicon Standard Recovery Diode
S70B GENESIC-S70B_16 Datasheet
646Kb / 3P
Silicon Standard Recovery Diode
S85K GENESIC-S85K_16 Datasheet
611Kb / 3P
Silicon Standard Recovery Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com