Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8XC196NT Datasheet (PDF) - Intel Corporation

8XC196NT Datasheet PDF - Intel Corporation
Part # 8XC196NT
Download  8XC196NT Download
File Size   565.65 Kbytes
Page   31 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description CHMOS MICROCONTROLLER WITH 1 MBYTE LINEAR ADDRESS SPACE

8XC196NT Datasheet (PDF)

Go To PDF Page Download Datasheet
8XC196NT Datasheet PDF - Intel Corporation

Part # 8XC196NT
Download  8XC196NT Click to download

File Size   565.65 Kbytes
Page   31 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description CHMOS MICROCONTROLLER WITH 1 MBYTE LINEAR ADDRESS SPACE

8XC196NT Datasheet (HTML) - Intel Corporation


8XC196NT Product details

The 8XC196NT 16-bit microcontroller is a high performance member of the MCSÉ 96 microcontroller family. The 8XC196NT is an enhanced 8XC196KR device with 1 Mbyte of linear address space, 1000 bytes of register RAM, 512 bytes of internal RAM, 20 MHz operation and an optional 32 Kbytes of OTPROM. Intel’s CHMOS III-E process provides a high performance processor along with low power consumption.
Ten high-speed capture/compare modules are provided. As capture modules event times with 200 ns resolution can be recorded and generate interrupts. As compare modules events such as toggling of a port pin, starting an A/D conversion, pulse width modulation, and software timers can be generated. Events can be based on the timer or up/down counter.

■ 20 MHz Operation
■ High Performance CHMOS 16-Bit CPU
■ Up to 32 Kbytes of On-Chip OTPROM
■ Up to 1 Kbyte of On-Chip Register RAM
■ Up to 512 Bytes of Internal RAM
■ Register-Register Architecture
■ 4 Channel/10-Bit A/D with Sample/Hold
■ 37 Prioritized Interrupt Sources
■ Up to Seven 8-Bit (56) I/O Ports
■ Full Duplex Serial I/O Port
■ Dedicated Baud Rate Generator
■ Interprocessor Communication Slave Port
■ Selectable Bus Timing Modes for Flexible External Memory Interfacing
■ Oscillator Fail Detection Circuitry
■ High Speed Peripheral Transaction Server (PTS)
■ Two Dedicated 16-Bit High-Speed Compare Registers
■ 10 High Speed Capture/Compare (EPA)
■ Full Duplex Synchronous Serial I/O Port (SSIO)
■ Two Flexible 16-Bit Timer/Counters
■ Quadrature Counting Inputs
■ Flexible 8-/16-Bit External Bus (Programmable)
■ Programmable Bus (HOLD/HLDA)
■ 1.4 ms 16 x 16 Multiply
■ 2.4 ms 32/16 Divide
■ 68-Pin Package




Similar Part No. - 8XC196NT

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8XC196NT INTEL-8XC196NT Datasheet
485Kb / 31P
CHMOS MICROCONTROLLER WITH 1 MBYTE LINEAR ADDRESS SPACE
More results


Similar Description - 8XC196NT

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
87C196LB INTEL-87C196LB Datasheet
463Kb / 19P
CHMOS 16-BIT MICROCONTROLLER
8XC196KD INTEL-8XC196KD Datasheet
383Kb / 25P
COMMERCIAL CHMOS MICROCONTROLLER
8XC196NT INTEL-8XC196NT Datasheet
485Kb / 31P
CHMOS MICROCONTROLLER WITH 1 MBYTE LINEAR ADDRESS SPACE
80C196KC INTEL-80C196KC Datasheet
322Kb / 25P
COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
80C196KT INTEL-80C196KT Datasheet
1Mb / 31P
COMMERCIAL CHMOS MICROCONTROLLER
87C196KB INTEL-87C196KB Datasheet
1Mb / 22P
COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
87C196KD20 INTEL-87C196KD20 Datasheet
1Mb / 25P
COMMERCIAL CHMOS MICROCONTROLLER
87C196NT INTEL-87C196NT Datasheet
1Mb / 31P
CHMOS MICROCONTROLLER WITH 1 MBYTE LINER ADDRESS SPACE
88CO196EC INTEL-88CO196EC Datasheet
660Kb / 44P
CHMOS 16-Bit Microcontroller
EE87C196KDH20 INTEL-EE87C196KDH20 Datasheet
1Mb / 25P
COMMERCIAL CHMOS MICROCONTROLLER
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com