Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST16060 Datasheet (PDF) - GeneSiC Semiconductor, Inc.

FST16060 Datasheet PDF - GeneSiC Semiconductor, Inc.
Part # FST16060
Download  FST16060 Download
File Size   370.16 Kbytes
Page   3 Pages
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.
Description Silicon Power Schottky Diode

FST16060 Datasheet (PDF)

Go To PDF Page Download Datasheet
FST16060 Datasheet PDF - GeneSiC Semiconductor, Inc.

Part # FST16060
Download  FST16060 Click to download

File Size   370.16 Kbytes
Page   3 Pages
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.
Description Silicon Power Schottky Diode

FST16060 Datasheet (HTML) - GeneSiC Semiconductor, Inc.


FST16060 Product details

Features
• High Surge Capability
• Isolated to Plate
• Not ESD Sensitive
• Types from 45 V to 100V VRRM




Similar Part No. - FST16060

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FST16060 MCC-FST16060 Datasheet
133Kb / 3P
160 Amp Rectifier 20 to 100 Volts Schottky Barrier
logo
TRANSYS Electronics Lim...
FST16060 TEL-FST16060 Datasheet
145Kb / 2P
SCHOTTKY DIODES MODULE TYPE 160A
logo
GeneSiC Semiconductor, ...
FST16060 GENESIC-FST16060 Datasheet
608Kb / 3P
Silicon Power Schottky Diode
More results


Similar Description - FST16060

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
FST6340M GENESIC-FST6340M Datasheet
553Kb / 3P
Silicon Power Schottky Diode
FST7345M GENESIC-FST7345M Datasheet
490Kb / 3P
Silicon Power Schottky Diode
FST8320SM GENESIC-FST8320SM Datasheet
679Kb / 3P
Silicon Power Schottky Diode
FST10045 GENESIC-FST10045 Datasheet
370Kb / 3P
Silicon Power Schottky Diode
FST120150 GENESIC-FST120150 Datasheet
362Kb / 3P
Silicon Power Schottky Diode
FST160150 GENESIC-FST160150 Datasheet
363Kb / 3P
Silicon Power Schottky Diode
MBR120150CT GENESIC-MBR120150CT Datasheet
508Kb / 3P
Silicon Power Schottky Diode
MBRF30045 GENESIC-MBRF30045 Datasheet
467Kb / 3P
Silicon Power Schottky Diode
MBRF40020 GENESIC-MBRF40020 Datasheet
467Kb / 3P
Silicon Power Schottky Diode
SD41 GENESIC-SD41 Datasheet
718Kb / 3P
Silicon Power Schottky Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com