Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMBD2003 Datasheet (PDF) - Hi-Sincerity Mocroelectronics

HMBD2003 Datasheet PDF - Hi-Sincerity Mocroelectronics
Part # HMBD2003
Download  HMBD2003 Download
File Size   19.75 Kbytes
Page   2 Pages
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics
Description General purpose diodes fabricated in planar technology

HMBD2003 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMBD2003 Datasheet PDF - Hi-Sincerity Mocroelectronics

Part # HMBD2003
Download  HMBD2003 Click to download

File Size   19.75 Kbytes
Page   2 Pages
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics
Description General purpose diodes fabricated in planar technology

HMBD2003 Datasheet (HTML) - Hi-Sincerity Mocroelectronics


HMBD2003 Product details

Description
The HMBD2003CS are general purpose diodes fabricated in planar technology, and encapsulated in small plastic SMD SOT-23 package.

Features
• Small plastic SMD package
• Switching speed: max. 50 nS
• General application:
    Continuous reverse voltage: Max. 200 V
    Repetitive peak reverse voltage: Max. 250 V
    Repetitive peak forward current: Max. 625 mA




Similar Part No. - HMBD2003

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HMBD2004 HSMC-HMBD2004 Datasheet
19Kb / 2P
General purpose diodes fabricated in planar tehnology
HMBD2004C HSMC-HMBD2004C Datasheet
19Kb / 2P
General purpose diodes fabricated in planar tehnology
HMBD2004S HSMC-HMBD2004S Datasheet
19Kb / 2P
General purpose diodes fabricated in planar tehnology
More results


Similar Description - HMBD2003

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV100 PHILIPS-BAV100 Datasheet
34Kb / 8P
General purpose diodes
1996 Sep 17
logo
Fairchild Semiconductor
BA128 FAIRCHILD-BA128 Datasheet
34Kb / 1P
General Purpose Diodes
logo
Hi-Sincerity Mocroelect...
HMBD2004 HSMC-HMBD2004 Datasheet
19Kb / 2P
General purpose diodes fabricated in planar tehnology
logo
New Jersey Semi-Conduct...
1S923 NJSEMI-1S923 Datasheet
351Kb / 1P
General Purpose Diodes
2SC568 NJSEMI-2SC568 Datasheet
127Kb / 1P
General Purpose Diodes
1N659 NJSEMI-1N659 Datasheet
113Kb / 1P
GENERAL PURPOSE DIFFUSED SILICON PLANAR DIODES
1N662 NJSEMI-1N662 Datasheet
102Kb / 1P
GENERAL PURPOSE DIFFUSED SILICON PLANAR DIODES
logo
Littelfuse
SP1008 LITTELFUSE-SP1008 Datasheet
1Mb / 4P
The SP1008 includes back-to-back TVS diodes fabricated in a proprietary silicon avalanche technology to provide...
logo
NXP Semiconductors
BAS19 NXP-BAS19_13 Datasheet
134Kb / 10P
General purpose diodes
2003 Mar 20
BAS19_20_21 PHILIPS-BAS19_20_21_15 Datasheet
134Kb / 10P
General purpose diodes
2003 Mar 20
More results




About Hi-Sincerity Mocroelectronics


Hi-Sincerity Microelectronics is a semiconductor company based in Taiwan that designs and manufactures a wide range of analog and mixed-signal integrated circuits (ICs) for various applications. The company was founded in 1998 and has since become a leading provider of analog ICs in Asia.

Hi-Sincerity's product portfolio includes power management ICs, audio amplifiers, LED drivers, motor controllers, and other analog and mixed-signal ICs. The company's products are used in a variety of end markets, including consumer electronics, automotive, industrial, and communication systems.

One of Hi-Sincerity's strengths is its ability to develop customized solutions for customers with specific requirements. The company has a team of experienced engineers who work closely with customers to understand their needs and develop tailored solutions that meet their specifications.

In addition to its design and development capabilities, Hi-Sincerity also has strong manufacturing capabilities. The company operates a modern semiconductor fabrication facility in Taiwan that is capable of producing a wide range of analog and mixed-signal ICs using advanced process technologies.

Hi-Sincerity is committed to quality and reliability, and its products are widely recognized for their performance and reliability. The company has received numerous awards and certifications for its quality management systems and environmental management systems, including ISO 9001, ISO 14001, and IATF 16949.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com