Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS9711 Datasheet (PDF) - NEC

PS9711 Datasheet PDF - NEC
Part # PS9711
Download  PS9711 Download
File Size   93.41 Kbytes
Page   5 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description HIGH NOISE REDUCTION/HIGH-SPEED 10 Mbps, TOTEM-POLE OUTPUT TYPE 5-PIN SOP TOM PHOTOCOUPLER

PS9711 Datasheet (PDF)

Go To PDF Page Download Datasheet
PS9711 Datasheet PDF - NEC

Part # PS9711
Download  PS9711 Click to download

File Size   93.41 Kbytes
Page   5 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description HIGH NOISE REDUCTION/HIGH-SPEED 10 Mbps, TOTEM-POLE OUTPUT TYPE 5-PIN SOP TOM PHOTOCOUPLER

PS9711 Datasheet (HTML) - NEC


PS9711 Product details

DESCRIPTION
The PS9711 is an optically coupled high-speed, totem-pole output isolator containing a GaAlAs LED on light emitting diode (input) and a photodiode and a signal processing circuit on light receiving side (output side) on one chip.

FEATURES
• High common mode transient immunity (CMH, CML = ±10 kV/µs TYP.)
• Small package (5-pin SOP)
• High-speed response (tPHL = 30 ns, tPLH = 35 ns TYP.)
• Pulse width distortion (tPHL – tPLH = 7 ns TYP.)
• Totem-pole output (No pull-up resistor required)
• Ordering number of taping product: PS9711-E3, E4: 900 pcs/reel, PS9711-F3, F4 (Recommended): 3 500 pcs/reel

APPLICATIONS
• Computer and peripheral manufactures
• Measurement equipment
• PDP




Similar Part No. - PS9711

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9711 CEL-PS9711 Datasheet
130Kb / 7P
HIGH NOISE REDUCTION/ HIGH SPEED 10 Mbps, TOTEM-POLE OUTPUT TYPE 5 PIN SOP TOM OPTOCOUPLER
PS9711-E3 CEL-PS9711-E3 Datasheet
130Kb / 7P
HIGH NOISE REDUCTION/ HIGH SPEED 10 Mbps, TOTEM-POLE OUTPUT TYPE 5 PIN SOP TOM OPTOCOUPLER
PS9711-E4 CEL-PS9711-E4 Datasheet
130Kb / 7P
HIGH NOISE REDUCTION/ HIGH SPEED 10 Mbps, TOTEM-POLE OUTPUT TYPE 5 PIN SOP TOM OPTOCOUPLER
PS9711-F3 CEL-PS9711-F3 Datasheet
130Kb / 7P
HIGH NOISE REDUCTION/ HIGH SPEED 10 Mbps, TOTEM-POLE OUTPUT TYPE 5 PIN SOP TOM OPTOCOUPLER
PS9711-F4 CEL-PS9711-F4 Datasheet
130Kb / 7P
HIGH NOISE REDUCTION/ HIGH SPEED 10 Mbps, TOTEM-POLE OUTPUT TYPE 5 PIN SOP TOM OPTOCOUPLER
More results


Similar Description - PS9711

ManufacturerPart #DatasheetDescription
logo
NEC
PS9611 NEC-PS9611 Datasheet
82Kb / 5P
HIGH NOISE REDUCTION/HIGH-SPEED 10 Mbps, TOTEM-POLE OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
PS9715 NEC-PS9715 Datasheet
62Kb / 6P
HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PS9115 NEC-PS9115 Datasheet
251Kb / 12P
HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PS9115 NEC-PS9115_1 Datasheet
143Kb / 14P
HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
Renesas Technology Corp
PS9123 RENESAS-PS9123 Datasheet
221Kb / 9P
HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
California Eastern Labs
PS9715 CEL-PS9715 Datasheet
64Kb / 6P
HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PS9115 CEL-PS9115 Datasheet
266Kb / 14P
HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
PS9711 CEL-PS9711 Datasheet
130Kb / 7P
HIGH NOISE REDUCTION/ HIGH SPEED 10 Mbps, TOTEM-POLE OUTPUT TYPE 5 PIN SOP TOM OPTOCOUPLER
PS9611 CEL-PS9611 Datasheet
414Kb / 12P
HIGH NOISE REDUCTION, HIGH-SPEED 10 Mbps TOTEM POLE OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9115 RENESAS-PS9115 Datasheet
304Kb / 16P
HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
April 1st, 2010
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com