Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SML-012UT Datasheet (PDF) - Rohm

SML-012UT Datasheet PDF - Rohm
Part # SML-012UT
Download  SML-012UT Download
File Size   1408.08 Kbytes
Page   11 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Reflector type (3.0x2.0mm, t 1.3mm)

SML-012UT Datasheet (PDF)

Go To PDF Page Download Datasheet
SML-012UT Datasheet PDF - Rohm

Part # SML-012UT
Download  SML-012UT Click to download

File Size   1408.08 Kbytes
Page   11 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Reflector type (3.0x2.0mm, t 1.3mm)

SML-012UT Datasheet (HTML) - Rohm




Similar Part No. - SML-012UT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-012UT ROHM-SML-012UT Datasheet
349Kb / 3P
High Brightness Type Chip LEDs with reflector
SML-012UT ROHM-SML-012UT Datasheet
148Kb / 3P
SML-01 Series Reflector improved the concentration of viewing angle
SML-012UT ROHM-SML-012UT Datasheet
2Mb / 5P
Reflector type (3.0 x 2.0mm, t=1.3mm
SML-012UT ROHM-SML-012UT Datasheet
1Mb / 5P
Reflector improved the concentration of viewing angle and luminous intensity to the front direction
SML-012UT ROHM-SML-012UT Datasheet
1Mb / 5P
Reflector improved the concentration of viewing angle and luminous intensity to the front direction
More results


Similar Description - SML-012UT

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
OPU817 OKI-OPU817 Datasheet
52Kb / 6P
Reflector-Type Photo Interrupter
logo
Lucky Light Electronic
GB-F3128 LUCKY-LIGHT-GB-F3128 Datasheet
55Kb / 1P
SMD LED REFLECTOR TYPE)
logo
Rohm
SML013WB ROHM-SML013WB Datasheet
103Kb / 3P
Chip LEDs with Reflector 1208<3.0 2.0 t=1.3mm> High Brightness Type
SML-01 ROHM-SML-01_11 Datasheet
2Mb / 5P
Reflector type (3.0 x 2.0mm, t=1.3mm
logo
Maxim Integrated Produc...
MAX44269 MAXIM-MAX44269 Datasheet
3Mb / 14P
1.3mm x 1.3mm, Low-Power Dual Comparator
Rev 0; 9/11
MAX44269_1112 MAXIM-MAX44269_1112 Datasheet
2Mb / 14P
1.3mm x 1.3mm, Low-Power Dual Comparator
Rev 1; 12/11
logo
List of Unclassifed Man...
SPMWHT520AN2BAA0S0 ETC2-SPMWHT520AN2BAA0S0 Datasheet
1Mb / 18P
Lead Frame Type LED Package (5.2 * 6.0 * t 1.3mm)
logo
Rohm
SML012BCTT86T ROHM-SML012BCTT86T Datasheet
120Kb / 3P
Chip LEDs with Reflector 1208<3.0 2.0 t=1.3mm> Medium / High Brightness Type
SML-012P8TT86 ROHM-SML-012P8TT86 Datasheet
441Kb / 11P
Reflector type (3.0횞2.0mm, t=1.3mm)
logo
Kingbright Corporation
AA3021P3S KINGBRIGHT-AA3021P3S Datasheet
228Kb / 5P
3.0x2.0mm PHOTOTRANSISTOR
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com