Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W185H Datasheet (PDF) - Cypress Semiconductor

W185H Datasheet PDF - Cypress Semiconductor
Part # W185H
Download  W185H Download
File Size   121.45 Kbytes
Page   8 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description Six Output Peak Reducing EMI Solution

W185H Datasheet (PDF)

Go To PDF Page Download Datasheet
W185H Datasheet PDF - Cypress Semiconductor

Part # W185H
Download  W185H Click to download

File Size   121.45 Kbytes
Page   8 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description Six Output Peak Reducing EMI Solution

W185H Datasheet (HTML) - Cypress Semiconductor


W185H Product details

Overview
The W185 products are one series of devices in the Cypress PREMIS family. The PREMIS family incorporates the latest advances in PLL spread spectrum frequency synthesizer techniques. By frequency modulating the output with a low-frequency carrier, peak EMI is greatly reduced. Use of this technology allows systems to pass increasingly difficult EMI testing without resorting to costly shielding or redesign.

Features
• Cypress PREMIS™ family offering
• Generates an EMI optimized clocking signal at the output
• Selectable output frequency range
• Six 1.25%, 3.75%, or 0% down or center spread outputs
• One non-Spread output of Reference input
• Integrated loop filter components
• Operates with a 3.3V or 5V supply
• Low power CMOS design
• Available in 24-pin SSOP (Shrink Small Outline Package)
• Outputs may be selectively disabled




Similar Part No. - W185H

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W185 CYPRESS-W185 Datasheet
116Kb / 8P
Six Output Peak Reducing EMI Solution
July 25, 2000, rev. A
W185-5 CYPRESS-W185-5 Datasheet
116Kb / 8P
Six Output Peak Reducing EMI Solution
July 25, 2000, rev. A
More results


Similar Description - W185H

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W184 CYPRESS-W184 Datasheet
128Kb / 8P
Six Output Peak Reducing EMI Solution
July 25, 2000, rev. B
W185 CYPRESS-W185 Datasheet
116Kb / 8P
Six Output Peak Reducing EMI Solution
July 25, 2000, rev. A
logo
Alliance Semiconductor ...
ASM3P2111A ALSC-ASM3P2111A Datasheet
207Kb / 8P
Peak EMI Reducing Solution
ASM3P2853A ALSC-ASM3P2853A Datasheet
2Mb / 8P
Peak EMI Reducing Solution
logo
ON Semiconductor
ASM3P2107A ONSEMI-ASM3P2107A Datasheet
136Kb / 6P
Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
ASM3P2108A ONSEMI-ASM3P2108A Datasheet
129Kb / 5P
Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
ASM3P2180A ONSEMI-ASM3P2180A Datasheet
132Kb / 6P
Peak Reducing EMI Solution
JANUARY 2010 ??Rev. 2
ASM3P2474A ONSEMI-ASM3P2474A Datasheet
134Kb / 7P
Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 2
logo
Cypress Semiconductor
W181-01GT CYPRESS-W181-01GT Datasheet
190Kb / 9P
Peak-Reducing EMI Solution
logo
ON Semiconductor
ASM3P2760 ONSEMI-ASM3P2760_15 Datasheet
97Kb / 7P
Peak EMI Reducing Solution
July, 2015 ??Rev. 3
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com