Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMPSA44V Datasheet (PDF) - Hi-Sincerity Mocroelectronics

HMPSA44V Datasheet PDF - Hi-Sincerity Mocroelectronics
Part # HMPSA44V
Download  HMPSA44V Download
File Size   32.36 Kbytes
Page   3 Pages
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics
Description NPN EPITAXIAL PLANAR TRANSISTOR

HMPSA44V Datasheet (PDF)

Go To PDF Page Download Datasheet
HMPSA44V Datasheet PDF - Hi-Sincerity Mocroelectronics

Part # HMPSA44V
Download  HMPSA44V Click to download

File Size   32.36 Kbytes
Page   3 Pages
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics
Description NPN EPITAXIAL PLANAR TRANSISTOR

HMPSA44V Datasheet (HTML) - Hi-Sincerity Mocroelectronics


HMPSA44V Product details

Description
The HMPSA44V is designed for application that require high voltage.

Features
• High Voltage: VCEO=400(min) at IC=1mA
• High Current: IC=300mV at 25°C
• Complementary to HMPSA94V




Similar Part No. - HMPSA44V

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HMPSA44 HSMC-HMPSA44 Datasheet
33Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results


Similar Description - HMPSA44V

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GI41C GTM-GI41C Datasheet
150Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GI122 GTM-GI122 Datasheet
161Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results




About Hi-Sincerity Mocroelectronics


Hi-Sincerity Microelectronics is a semiconductor company based in Taiwan that designs and manufactures a wide range of analog and mixed-signal integrated circuits (ICs) for various applications. The company was founded in 1998 and has since become a leading provider of analog ICs in Asia.

Hi-Sincerity's product portfolio includes power management ICs, audio amplifiers, LED drivers, motor controllers, and other analog and mixed-signal ICs. The company's products are used in a variety of end markets, including consumer electronics, automotive, industrial, and communication systems.

One of Hi-Sincerity's strengths is its ability to develop customized solutions for customers with specific requirements. The company has a team of experienced engineers who work closely with customers to understand their needs and develop tailored solutions that meet their specifications.

In addition to its design and development capabilities, Hi-Sincerity also has strong manufacturing capabilities. The company operates a modern semiconductor fabrication facility in Taiwan that is capable of producing a wide range of analog and mixed-signal ICs using advanced process technologies.

Hi-Sincerity is committed to quality and reliability, and its products are widely recognized for their performance and reliability. The company has received numerous awards and certifications for its quality management systems and environmental management systems, including ISO 9001, ISO 14001, and IATF 16949.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com