Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR2161SPBF Datasheet (PDF) - International Rectifier

IR2161SPBF Datasheet PDF - International Rectifier
Part # IR2161SPBF
Download  IR2161SPBF Download
File Size   466.22 Kbytes
Page   20 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HALOGEN CONVERTOR CONTROL IC

IR2161SPBF Datasheet (PDF)

Go To PDF Page Download Datasheet
IR2161SPBF Datasheet PDF - International Rectifier

Part # IR2161SPBF
Download  IR2161SPBF Click to download

File Size   466.22 Kbytes
Page   20 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HALOGEN CONVERTOR CONTROL IC

IR2161SPBF Datasheet (HTML) - International Rectifier


IR2161SPBF Product details

Description

The IR2161 is a dedicated Intelligent Half bridge Driver IC for a Halogen convertor (electronic transformer). It includes all necessary protection features and also allows the Convertor to be dimmed externally with a standard phase cut dimmer with both leading or trailing edge types. This IC provides the advantage of reduced thermal stress in the lamp due to softstart. There is also compensation of the output voltage for load regulation. It enables the convertor to operate with extremely low harmonic distortion over the full range of loads.



Features

• Intelligent half-bridge driver

• Auto Resetting Short Circuit Protection

• Auto Resetting Overload Protection

• Externally Triggerable Latching Shutdown

• Latching Overtemperature Protection

• Frequency Modulation “dither” (for lower EMI)

• Micropower Startup (<300 µA)

• Phase Cut dimmable for leading / trailing edge

• Output Voltage Shift Compensation.

• Real Softstart

• Adaptive Dead Time

• Small 8 Pin DIP/SOIC Package

• Also available LEAD-FREE(PbF)



 




Similar Part No. - IR2161SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2161S IRF-IR2161S Datasheet
214Kb / 19P
HALOGEN CONVERTOR CONTROL IC
IR2161STRPBF IRF-IR2161STRPBF Datasheet
466Kb / 20P
HALOGEN CONVERTOR CONTROL IC
More results


Similar Description - IR2161SPBF

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2798GR NEC-UPC2798GR Datasheet
160Kb / 24P
IF DOWN CONVERTOR IC FOR DIGITAL CATV
logo
New Japan Radio
NJM2360A NJRC-NJM2360A Datasheet
174Kb / 3P
HIGH PRECISION DC/DC CONVERTOR CONTROL IC
logo
International Rectifier
IR2161 IRF-IR2161 Datasheet
214Kb / 19P
HALOGEN CONVERTOR CONTROL IC
logo
LSI Computer Systems
LS7634 LSI-LS7634 Datasheet
66Kb / 4P
TOUCH CONTROL HALOGEN LAMP DIMMER
logo
International Rectifier
IR2161STRPBF IRF-IR2161STRPBF Datasheet
466Kb / 20P
HALOGEN CONVERTOR CONTROL IC
IR2161PBF IRF-IR2161PBF Datasheet
470Kb / 20P
HALOGEN CONVERTOR CONTROL IC
IR2161 IRF-IR2161_15 Datasheet
466Kb / 20P
HALOGEN CONVERTOR CONTROL IC
logo
LSI Computer Systems
LS7631 LSI-LS7631_05 Datasheet
69Kb / 4P
TOUCH CONTROL HALOGEN LAMP DIMMER
LS7634 LSI-LS7634_08 Datasheet
205Kb / 4P
TOUCH CONTROL HALOGEN LAMP DIMMER
logo
Mitsumi Electronics, Co...
MM3472 MITSUMI-MM3472 Datasheet
817Kb / 10P
0.6A step-down DC-DC convertor IC
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com