Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF6608 Datasheet (PDF) - International Rectifier

IRF6608 Datasheet PDF - International Rectifier
Part # IRF6608
Download  IRF6608 Download
File Size   187.04 Kbytes
Page   9 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Application Specific MOSFETs

IRF6608 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF6608 Datasheet PDF - International Rectifier

Part # IRF6608
Download  IRF6608 Click to download

File Size   187.04 Kbytes
Page   9 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Application Specific MOSFETs

IRF6608 Datasheet (HTML) - International Rectifier


IRF6608 Product details

Description
The IRF6608 combines the latest HEXFET® Power MOSFET Silicon technology with the advanced DirectFETTM packaging to achieve the lowest on-state resistance in a package that has the footprint of a MICRO-8 and only 0.7 mm profile. The DirectFET package is compatible with existing layout geometries used in power applications, PCB assembly equipment and vapor phase, infra-red or convection soldering techniques, when application note AN-1035 is followed regarding the manufacturing methods and processes. The DirectFET package allows dual sided cooling to maximize thermal transfer in power systems, IMPROVING previous best thermal resistance by 80%.

● Application Specific MOSFETs
● Ideal for CPU Core DC-DC Converters
● Low Conduction Losses
● Low Switching Losses
● Low Profile (<0.7 mm)
● Dual Sided Cooling Compatible
● Compatible with existing Surface Mount Techniques




Similar Part No. - IRF6608

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6608 IRF-IRF6608 Datasheet
178Kb / 8P
lHEXFET Power MOSFET
More results


Similar Description - IRF6608

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6655TR1PBF IRF-IRF6655TR1PBF Datasheet
277Kb / 10P
Application Specific MOSFETs
IRF6623TR1 IRF-IRF6623TR1 Datasheet
225Kb / 9P
Application Specific MOSFETs
IRF6604TR1 IRF-IRF6604TR1 Datasheet
635Kb / 13P
Application Specific MOSFETs
IRF7805PBF IRF-IRF7805PBF_15 Datasheet
230Kb / 5P
N Channel Application Specific MOSFETs
IRF6645PBF IRF-IRF6645PBF_15 Datasheet
239Kb / 9P
Application Specific MOSFETs
IRF6646PBF IRF-IRF6646PBF_15 Datasheet
655Kb / 10P
Application Specific MOSFETs
IRF6655PBF IRF-IRF6655PBF_15 Datasheet
277Kb / 10P
Application Specific MOSFETs
IRF6662PBF IRF-IRF6662PBF_15 Datasheet
253Kb / 10P
Application Specific MOSFETs
IRF6668PBF IRF-IRF6668PBF_15 Datasheet
636Kb / 10P
Application Specific MOSFETs
logo
Infineon Technologies A...
IRF6648PBF INFINEON-IRF6648PBF Datasheet
560Kb / 10P
Application Specific MOSFETs
2017-04-06
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com