Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP491E Datasheet (PDF) - Exar Corporation

SP491E Datasheet PDF - Exar Corporation
Part # SP491E
Download  SP491E Download
File Size   723.11 Kbytes
Page   12 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Enhanced Full Duplex RS-485 Transceivers

SP491E Datasheet (PDF)

Go To PDF Page Download Datasheet
SP491E Datasheet PDF - Exar Corporation

Part # SP491E
Download  SP491E Click to download

File Size   723.11 Kbytes
Page   12 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Enhanced Full Duplex RS-485 Transceivers

SP491E Datasheet (HTML) - Exar Corporation


SP491E Product details

DESCRIPTION

The SP490E is a low power differential line driver/receiver meeting RS-485 and RS-422 standards up to 0Mbps. The SP491E is identical to the SP490E with the addition of driver and receiver tri-state enable lines. Both products feature ±200mV receiver input sensitivity, over wide common mode range. The SP490E is available in 8-pin plastic DIP and 8-pin NSOIC packages for operation over the commercial and industrial temperature ranges. The SP491E is available in 4-pin DIP and 4-pin NSOIC packages for operation over the commercial and industrial temperature ranges.



FEATURES

•  +5V Only

•  Low Power BiCMOS

•  Driver/Receiver Enable (SP49E)

•  RS-485 and RS-422 Drivers/Receivers

•  Pin Compatible with LTC490 and SN7579 (SP490E)

•  Pin Compatible with LTC49and SN7580 (SP49E)

• Improved ESD Specifications:

  ±5kV Human Body Model

  ±5kV IEC6000-4-2 Air Discharge




Similar Part No. - SP491E

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP491E SIPEX-SP491E Datasheet
109Kb / 12P
Enhanced Full Duplex RS-485 Transceivers
logo
Exar Corporation
SP491E EXAR-SP491E Datasheet
811Kb / 15P
Enhanced Full Duplex RS-485 Transceivers
SP491E EXAR-SP491E Datasheet
723Kb / 12P
Enhanced Full Duplex RS-485 Transceivers
SP491E EXAR-SP491E Datasheet
723Kb / 12P
Enhanced Full Duplex RS-485 Transceivers
logo
Sipex Corporation
SP491ECN SIPEX-SP491ECN Datasheet
109Kb / 12P
Enhanced Full Duplex RS-485 Transceivers
More results


Similar Description - SP491E

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP490E SIPEX-SP490E Datasheet
109Kb / 12P
Enhanced Full Duplex RS-485 Transceivers
SP1490E SIPEX-SP1490E Datasheet
73Kb / 10P
Full Duplex RS-485 Transceivers
SP490 SIPEX-SP490 Datasheet
83Kb / 12P
Full Duplex RS-485 Transceivers
SP490E SIPEX-SP490E Datasheet
109Kb / 12P
Enhanced Full Duplex RS-485 Transceivers
SP1490E SIPEX-SP1490E_05 Datasheet
149Kb / 10P
Full Duplex RS-485 Transceivers
logo
Exar Corporation
SP490 EXAR-SP490 Datasheet
552Kb / 12P
Full Duplex RS-485 Transceivers
SP490E EXAR-SP490E Datasheet
811Kb / 15P
Enhanced Full Duplex RS-485 Transceivers
SP491EEP-L EXAR-SP491EEP-L Datasheet
723Kb / 12P
Enhanced Full Duplex RS-485 Transceivers
SP491ECN-L EXAR-SP491ECN-L Datasheet
723Kb / 12P
Enhanced Full Duplex RS-485 Transceivers
SP491CN-L EXAR-SP491CN-L Datasheet
453Kb / 11P
Full Duplex RS-485 Transceivers
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com