Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2141SZ Datasheet (PDF) - Analog Devices

SSM2141SZ Datasheet PDF - Analog Devices
Part # SSM2141SZ
Download  SSM2141SZ Download
File Size   208.06 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Common-Mode Rejection Differential Line Receiver

SSM2141SZ Datasheet (PDF)

Go To PDF Page Download Datasheet
SSM2141SZ Datasheet PDF - Analog Devices

Part # SSM2141SZ
Download  SSM2141SZ Click to download

File Size   208.06 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Common-Mode Rejection Differential Line Receiver

SSM2141SZ Datasheet (HTML) - Analog Devices


SSM2141SZ Product details

GENERAL DESCRIPTION
The SSM2141 is an integrated differential amplifier intended to receive balanced line inputs in audio applications requiring a high level of noise immunity and optimum common-mode rejection. The SSM2141 typically achieves 100 dB of commonmode rejection (CMR), whereas implementing an op amp with four off-the-shelf precision resistors will typically achieve only 40 dB of CMR—inadequate for high-performance audio.
   
FEATURES
    High Common-Mode Rejection
        DC: 100 dB typ
        60 Hz: 100 dB typ
        20 kHz: 70 dB typ
        40 kHz: 62 dB typ
    Low Distortion: 0.001% typ
    Fast Slew Rate: 9.5 V/μs typ
    Wide Bandwidth: 3 MHz typ
    Low Cost
    Complements SSM2142 Differential Line Driver
   
APPLICATIONS
    Line Receivers
    Summing Amplifiers
    Buffer Amplifiers–Drives 600 Ω Load
   




Similar Part No. - SSM2141SZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2141S AD-SSM2141S Datasheet
205Kb / 6P
High Common-Mode Rejection Differential Line Receiver
REV.B
More results


Similar Description - SSM2141SZ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8578 PHILIPS-TDA8578 Datasheet
55Kb / 13P
Dual common-mode rejection differential line receiver
1995 Dec 15
TDA8579 PHILIPS-TDA8579 Datasheet
66Kb / 13P
Dual common-mode rejection differential line receiver
1995 Dec 15
logo
Analog Devices
SSM2141 AD-SSM2141 Datasheet
205Kb / 6P
High Common-Mode Rejection Differential Line Receiver
REV.B
SSM2141 AD-SSM2141_15 Datasheet
208Kb / 8P
High Common-Mode Rejection Differential Line Receiver
REV.C
logo
NXP Semiconductors
TDA8579T PHILIPS-TDA8579T_15 Datasheet
531Kb / 16P
Dual common-mode rejection differential line receiver
Rev. 4-23 September 2013
logo
Texas Instruments
INA1650 TI1-INA1650 Datasheet
1Mb / 39P
SoundPlus High Common-Mode Rejection Line Receiver
INA1650-Q1 TI1-INA1650-Q1 Datasheet
1Mb / 37P
SoundPlus High Common-Mode Rejection Line Receiver
INA1650 TI1-INA1650_18 Datasheet
2Mb / 38P
SoundPlus High Common-Mode Rejection Line Receivers
INA1650-Q1_1904 TI1-INA1650-Q1_1904 Datasheet
2Mb / 41P
SoundPlus High Common-Mode Rejection Line Receivers
logo
TDK Electronics
TCM0403M TDK-TCM0403M Datasheet
172Kb / 4P
Common mode filters High-speed differential signal line
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com