Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSK1118 Datasheet (PDF) - Hi-Sincerity Mocroelectronics

HSK1118 Datasheet PDF - Hi-Sincerity Mocroelectronics
Part # HSK1118
Download  HSK1118 Download
File Size   61.23 Kbytes
Page   5 Pages
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics
Description Silicon N Channel MOS Type

HSK1118 Datasheet (PDF)

Go To PDF Page Download Datasheet
HSK1118 Datasheet PDF - Hi-Sincerity Mocroelectronics

Part # HSK1118
Download  HSK1118 Click to download

File Size   61.23 Kbytes
Page   5 Pages
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics
Description Silicon N Channel MOS Type

HSK1118 Datasheet (HTML) - Hi-Sincerity Mocroelectronics


HSK1118 Product details

Description
• Field Effect Transistor.
• Silicon N Channel MOS Type.
• High Speed, High Current DC-DC Converter, Relay Drive and Motor Drive Applications

Features
• 4-Volt Gate Drive
• Low Drain-Source On Resistanc - RDS(on)=0.95Ω (Typ.)
• High Forward Transfer Admittance - | Yfs |=4.0S (Typ.)
• Low Leakage Current - IDSS = 300uA (Max.) @VDS = 600V
• Enhancement-Mode - Vth = 1.5~3.5V @VDS = 10V, ID = 1mA




Similar Part No. - HSK1118

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HSK120 HITACHI-HSK120 Datasheet
26Kb / 5P
Silicon Epitaxial Planar Diode for High Speed Switching
logo
Renesas Technology Corp
HSK120 RENESAS-HSK120 Datasheet
52Kb / 5P
Silicon Epitaxial Planar Diode for High Speed Switching
logo
Hitachi Semiconductor
HSK122 HITACHI-HSK122 Datasheet
27Kb / 6P
Silicon Epitaxial Planar Diode for High Voltage Switching
logo
Renesas Technology Corp
HSK122 RENESAS-HSK122 Datasheet
172Kb / 7P
Silicon Epitaxial Planar Diode for High Voltage Switching
More results


Similar Description - HSK1118

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2882 TOSHIBA-2SK2882 Datasheet
292Kb / 5P
SILICON N-CHANNEL MOS TYPE
2SK2237 TOSHIBA-2SK2237 Datasheet
559Kb / 6P
SILICON N CHANNEL MOS TYPE
2SK3130 TOSHIBA-2SK3130_06 Datasheet
192Kb / 6P
Silicon N Channel MOS Type
More results




About Hi-Sincerity Mocroelectronics


Hi-Sincerity Microelectronics is a semiconductor company based in Taiwan that designs and manufactures a wide range of analog and mixed-signal integrated circuits (ICs) for various applications. The company was founded in 1998 and has since become a leading provider of analog ICs in Asia.

Hi-Sincerity's product portfolio includes power management ICs, audio amplifiers, LED drivers, motor controllers, and other analog and mixed-signal ICs. The company's products are used in a variety of end markets, including consumer electronics, automotive, industrial, and communication systems.

One of Hi-Sincerity's strengths is its ability to develop customized solutions for customers with specific requirements. The company has a team of experienced engineers who work closely with customers to understand their needs and develop tailored solutions that meet their specifications.

In addition to its design and development capabilities, Hi-Sincerity also has strong manufacturing capabilities. The company operates a modern semiconductor fabrication facility in Taiwan that is capable of producing a wide range of analog and mixed-signal ICs using advanced process technologies.

Hi-Sincerity is committed to quality and reliability, and its products are widely recognized for their performance and reliability. The company has received numerous awards and certifications for its quality management systems and environmental management systems, including ISO 9001, ISO 14001, and IATF 16949.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com