Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UZ1086 Datasheet (PDF) - E-Tech Electronics LTD

UZ1086 Datasheet PDF - E-Tech Electronics LTD
Part # UZ1086
Download  UZ1086 Download
File Size   253.44 Kbytes
Page   7 Pages
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD
Description 1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR

UZ1086 Datasheet (PDF)

Go To PDF Page Download Datasheet
UZ1086 Datasheet PDF - E-Tech Electronics LTD

Part # UZ1086
Download  UZ1086 Click to download

File Size   253.44 Kbytes
Page   7 Pages
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD
Description 1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR

UZ1086 Datasheet (HTML) - E-Tech Electronics LTD


UZ1086 Product details

■ DESCRIPTION

The UTC UZ1086 and UZ1086-1.2V, 1.8V, 2.5V, 2.85V, 3.3V and 5V are low dropout three-terminal regulators with 1.5A output current capability. These devices have been optimized for low voltage where transient response and minimum input voltage are critical. The 2.85V version is designed specifically to be used in Active Terminators for SCSI bus.

Current limit is trimmed to ensure specified output current and controlled short-circuit current. On-chip thermal limiting provides protection against any combination of overload and ambient temperatures that would create excessive junction temperatures.

Unlike PNP type regulators where up to 10% of the output current is wasted as quiescent current, the quiescent current of the UZ1086 flows into the load, increasing efficiency.



■ FEATURES

* Low dropout voltage

* Load regulation: 0.05% typical

* Trimmed current limit

* On-chip thermal limiting

* Three-terminal adjustable or fixed 1.2V, 1.8V, 2.5V, 2.85V, 3.3V, 5V



 




Similar Part No. - UZ1086

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
LINEAR INTEGRATED CIRCUIT
UZ1086 UTC-UZ1086 Datasheet
224Kb / 6P
1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1086 UTC-UZ1086 Datasheet
239Kb / 6P
1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1086-XX-AA3-R UTC-UZ1086-XX-AA3-R Datasheet
224Kb / 6P
1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1086-XX-TA3-T UTC-UZ1086-XX-TA3-T Datasheet
224Kb / 6P
1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
More results


Similar Description - UZ1086

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1086 FAIRCHILD-FAN1086 Datasheet
45Kb / 9P
1.5A Adjustable/Fixed Low Dropout Linear Regulator
RC1117 FAIRCHILD-RC1117 Datasheet
48Kb / 9P
1A Adjustable/Fixed Low Dropout Linear Regulator
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
5A Adjustable/Fixed Low Dropout Linear Regulator
logo
List of Unclassifed Man...
LM1086 ETC1-LM1086 Datasheet
82Kb / 2P
1.5A LOW DROPOUT VOLTAGE REGULATOR (Adjustable & Fixed)
logo
Unisonic Technologies
UZ1086 UTC-UZ1086_09 Datasheet
224Kb / 6P
1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ2085 UTC-UZ2085 Datasheet
286Kb / 8P
3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1086 UTC-UZ1086_12 Datasheet
239Kb / 6P
1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Advanced Monolithic Sys...
AMS1117 AMS-AMS1117 Datasheet
894Kb / 9P
1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Fairchild Semiconductor
RC1585M FAIRCHILD-RC1585M Datasheet
87Kb / 12P
5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Leshan Radio Company
LR1117A LRC-LR1117A Datasheet
148Kb / 9P
1A Adjustable/Fixed Low Dropout Linear Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com