Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSK2474J Datasheet (PDF) - Hi-Sincerity Mocroelectronics

HSK2474J Datasheet PDF - Hi-Sincerity Mocroelectronics
Part # HSK2474J
Download  HSK2474J Download
File Size   51.58 Kbytes
Page   5 Pages
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics
Description N-Channel MOSFETs

HSK2474J Datasheet (PDF)

Go To PDF Page Download Datasheet
HSK2474J Datasheet PDF - Hi-Sincerity Mocroelectronics

Part # HSK2474J
Download  HSK2474J Click to download

File Size   51.58 Kbytes
Page   5 Pages
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics
Description N-Channel MOSFETs

HSK2474J Datasheet (HTML) - Hi-Sincerity Mocroelectronics


HSK2474J Product details

Description
• Dynamic dv/dt Rating
• Repetitive Avalanche rated
• Surface Mount
• Straigh Lead
• Available in Tape&Reel
• Fast Switching
• Ease of Paralleling

Features
• Low Drain-Source ON Resistance - RDS(ON)=1.2Ω(Typ.)@ VDS=10V, ID=1.3A
• High Forward Transfer Admittance -|Yfs|=1.2S@VDS=50V, ID=1.3A
• Low Leakage Current - IDSS=100uA (Max.)@VDS=200V
• Enhancement-Mode - Vth = 2.0~4.0V@VDS=4V, ID=250uA




Similar Part No. - HSK2474J

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HSK2474I HSMC-HSK2474I Datasheet
51Kb / 5P
N-Channel MOSFETs
More results


Similar Description - HSK2474J

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF130 SAMSUNG-IRF130 Datasheet
211Kb / 5P
N-CHANNEL POWER MOSFETS
IRF140 SAMSUNG-IRF140 Datasheet
211Kb / 5P
N-CHANNEL POWER MOSFETS
IRF530 SAMSUNG-IRF530 Datasheet
354Kb / 6P
N-CHANNEL POWER MOSFETS
IRFP250 SAMSUNG-IRFP250 Datasheet
518Kb / 7P
N-Channel Power Mosfets
SSH5N90 SAMSUNG-SSH5N90 Datasheet
264Kb / 5P
N-CHANNEL POWER MOSFETS
SSS7N60 SAMSUNG-SSS7N60 Datasheet
280Kb / 5P
N-CHANNEL POWER MOSFETS
logo
Hi-Sincerity Mocroelect...
HIRF630 HSMC-HIRF630 Datasheet
53Kb / 5P
N-Channel MOSFETs
HSK2474I HSMC-HSK2474I Datasheet
51Kb / 5P
N-Channel MOSFETs
logo
Samsung semiconductor
IRFZ45 SAMSUNG-IRFZ45 Datasheet
197Kb / 5P
N-CHANNEL POWER MOSFETS
logo
New Jersey Semi-Conduct...
IRF440 NJSEMI-IRF440 Datasheet
137Kb / 3P
N-CHANNEL POWER MOSFETS
More results




About Hi-Sincerity Mocroelectronics


Hi-Sincerity Microelectronics is a semiconductor company based in Taiwan that designs and manufactures a wide range of analog and mixed-signal integrated circuits (ICs) for various applications. The company was founded in 1998 and has since become a leading provider of analog ICs in Asia.

Hi-Sincerity's product portfolio includes power management ICs, audio amplifiers, LED drivers, motor controllers, and other analog and mixed-signal ICs. The company's products are used in a variety of end markets, including consumer electronics, automotive, industrial, and communication systems.

One of Hi-Sincerity's strengths is its ability to develop customized solutions for customers with specific requirements. The company has a team of experienced engineers who work closely with customers to understand their needs and develop tailored solutions that meet their specifications.

In addition to its design and development capabilities, Hi-Sincerity also has strong manufacturing capabilities. The company operates a modern semiconductor fabrication facility in Taiwan that is capable of producing a wide range of analog and mixed-signal ICs using advanced process technologies.

Hi-Sincerity is committed to quality and reliability, and its products are widely recognized for their performance and reliability. The company has received numerous awards and certifications for its quality management systems and environmental management systems, including ISO 9001, ISO 14001, and IATF 16949.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com