Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FRN-R-2 Datasheet (PDF) - Cooper Bussmann, Inc.

FRN-R-2 Datasheet PDF - Cooper Bussmann, Inc.
Part # FRN-R-2
Download  FRN-R-2 Download
File Size   269.92 Kbytes
Page   3 Pages
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description FUSETRON 250V Class RK5

FRN-R-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
FRN-R-2 Datasheet PDF - Cooper Bussmann, Inc.

Part # FRN-R-2
Download  FRN-R-2 Click to download

File Size   269.92 Kbytes
Page   3 Pages
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description FUSETRON 250V Class RK5

FRN-R-2 Datasheet (HTML) - Cooper Bussmann, Inc.




Similar Part No. - FRN-R-2

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FRN-R-2 COOPER-FRN-R-2 Datasheet
672Kb / 6P
Fusetron??FRN-R Class RK5 250Vac/125Vdc 1??0-60A, dual element, time-delay fuses
logo
Eaton All Rights Reserv...
FRN-R-2 EATON-FRN-R-2 Datasheet
672Kb / 6P
Fusetron??FRN-R Class RK5 250Vac/125Vdc 1??0-60A, dual element, time-delay fuses
logo
Cooper Bussmann, Inc.
FRN-R-2-1/2 COOPER-FRN-R-2-1/2 Datasheet
672Kb / 6P
Fusetron??FRN-R Class RK5 250Vac/125Vdc 1??0-60A, dual element, time-delay fuses
logo
Eaton All Rights Reserv...
FRN-R-2-1/2 EATON-FRN-R-2-1/2 Datasheet
672Kb / 6P
Fusetron??FRN-R Class RK5 250Vac/125Vdc 1??0-60A, dual element, time-delay fuses
logo
Cooper Bussmann, Inc.
FRN-R-2-1/4 COOPER-FRN-R-2-1/4 Datasheet
672Kb / 6P
Fusetron??FRN-R Class RK5 250Vac/125Vdc 1??0-60A, dual element, time-delay fuses
More results


Similar Description - FRN-R-2

ManufacturerPart #DatasheetDescription
logo
Littelfuse
FLNR LITTELFUSE-FLNR Datasheet
418Kb / 1P
FLNR/FLSR Class RK5 Fuses
logo
Cooper Bussmann, Inc.
FRN-R-10 COOPER-FRN-R-10 Datasheet
269Kb / 3P
FUSETRON 250V Class RK5
FRS-R-65 COOPER-FRS-R-65_16 Datasheet
258Kb / 3P
Fusetron??600V Class RK5
FRN-R-70 COOPER-FRN-R-70 Datasheet
577Kb / 4P
Fusetron??FRN-R Class RK5 250Vac, 125/250Vdc 70-600A, dual element, time-delay fuses
FRN-R-1 COOPER-FRN-R-1 Datasheet
672Kb / 6P
Fusetron??FRN-R Class RK5 250Vac/125Vdc 1??0-60A, dual element, time-delay fuses
logo
Eaton All Rights Reserv...
FRN-R EATON-FRN-R Datasheet
672Kb / 6P
Fusetron??FRN-R Class RK5 250Vac/125Vdc 1??0-60A, dual element, time-delay fuses
FRN-R-70 EATON-FRN-R-70 Datasheet
577Kb / 4P
Fusetron??FRN-R Class RK5 250Vac, 125/250Vdc 70-600A, dual element, time-delay fuses
logo
Littelfuse
FLNR_ID LITTELFUSE-FLNR_ID_V01 Datasheet
211Kb / 3P
Class RK5 Fuses FLNR_ID Series
Rev: 090721
FLNR LITTELFUSE-FLNR_V01 Datasheet
249Kb / 4P
Class RK5 Fuses FLNR Series
Rev: 090721
FLSR_ID LITTELFUSE-FLSR_ID_V01 Datasheet
242Kb / 4P
Class RK5 Fuses FLSR_ID Series
Rev: 090721
More results




About Cooper Bussmann, Inc.


Cooper Bussmann, Inc. is a company that specializes in providing electrical safety and circuit protection solutions. The company was founded in 1914 and is headquartered in St. Louis, Missouri, USA.

Cooper Bussmann offers a wide range of products, including fuses, fuse blocks, power distribution blocks, disconnect switches, and surge protective devices. These products are used in various applications, such as power generation, transmission, and distribution, as well as in industrial, commercial, and residential settings.

In 2008, Cooper Bussmann was acquired by Eaton Corporation, a multinational power management company. Today, the company operates as a business unit of Eaton's Electrical Sector.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com