Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GM71C17800C Datasheet (PDF) - Hynix Semiconductor

GM71C17800C Datasheet PDF - Hynix Semiconductor
Part # GM71C17800C
Download  GM71C17800C Download
File Size   92.47 Kbytes
Page   9 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description 2,097,152 WORDS x 8 BIT CMOS DYNAMIC RAM

GM71C17800C Datasheet (PDF)

Go To PDF Page Download Datasheet
GM71C17800C Datasheet PDF - Hynix Semiconductor

Part # GM71C17800C
Download  GM71C17800C Click to download

File Size   92.47 Kbytes
Page   9 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description 2,097,152 WORDS x 8 BIT CMOS DYNAMIC RAM

GM71C17800C Datasheet (HTML) - Hynix Semiconductor


GM71C17800C Product details

Description
The GM71C(S)17800C/CL is the new generation dynamic RAM organized 2,097,152 x 8 bit. GM71C(S)17800C/CL has realized higher density, higher performance and various functions by utilizing advanced CMOS process technology. The GM71C(S)17800C/CL offers Fast Page Mode as a high speed access mode. Multiplexed address inputs permit the GM71C(S)17800C/CL to be packaged in standard 400 mil 28pin plastic SOJ, and standard 400mil 28 pin plastic TSOP II. The package size provides high system bit densities and is compatible with widely available automated testing and insertion equipment.

Features
* 2,097,152 Words x 8 Bit Organization
* Fast Page Mode Capability
* Single Power Supply (5V+/-10%)
* Fast Access Time & Cycle Time
* Low Power
   Active : 715/660/605mW (MAX)
   Standby : 11mW (CMOS level : MAX)
                    0.83mW (L-version : MAX)
* RAS Only Refresh, CAS before RAS Refresh, Hidden Refresh Capability
* All inputs and outputs TTL Compatible
* 2048 Refresh Cycles/32ms
* 2048 Refresh Cycles/128ms (L- version)
* Battery Back Up Operation (L- version)
* Self Refresh Operation (L-version)




Similar Part No. - GM71C17800C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GM71C17400C HYNIX-GM71C17400C Datasheet
99Kb / 10P
4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C17400CJ HYNIX-GM71C17400CJ Datasheet
99Kb / 10P
4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C17400CLJ-5 HYNIX-GM71C17400CLJ-5 Datasheet
99Kb / 10P
4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C17400CLJ-6 HYNIX-GM71C17400CLJ-6 Datasheet
99Kb / 10P
4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C17400CLJ-7 HYNIX-GM71C17400CLJ-7 Datasheet
99Kb / 10P
4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
More results


Similar Description - GM71C17800C

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
THM322020S-80 TOSHIBA-THM322020S-80 Datasheet
477Kb / 17P
2,097,152 WORDS x 32 BIT DYNAMIC RAM MODULE
THM362020S-80 TOSHIBA-THM362020S-80 Datasheet
475Kb / 17P
2,097,152 WORDS x 36BIT DYNAMIC RAM MODULE
logo
Hynix Semiconductor
GM71C18163C HYNIX-GM71C18163C Datasheet
112Kb / 11P
1,048,576 WORDS x 16 BIT CMOS DYNAMIC RAM
GM71CS17403C HYNIX-GM71CS17403C Datasheet
97Kb / 10P
4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71V17403C HYNIX-GM71V17403C Datasheet
99Kb / 10P
4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71V18163C HYNIX-GM71V18163C Datasheet
113Kb / 11P
1,048,576 WORDS x 16 BIT CMOS DYNAMIC RAM
GM71C17400C HYNIX-GM71C17400C Datasheet
99Kb / 10P
4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
logo
LG Semicon Co.,Ltd.
GM71C4403C LG-GM71C4403C Datasheet
108Kb / 10P
1,048,576 WORDS x 4BIT CMOS DYNAMIC RAM
logo
Toshiba Semiconductor
THM72V2010AG TOSHIBA-THM72V2010AG Datasheet
1Mb / 30P
2,097,152 WORDS X 72 BIT DYNAMIC RAM MODULE
logo
Hynix Semiconductor
GM71C17403C HYNIX-GM71C17403C Datasheet
100Kb / 10P
4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
More results




About Hynix Semiconductor


Hynix Semiconductor is a South Korean company that specializes in the design and manufacture of memory semiconductors.
The company was founded in 1983 and is headquartered in Icheon, South Korea.
Hynix is one of the world's leading producers of DRAM (dynamic random access memory) and NAND flash memory, which are used in various applications such as computer systems, mobile devices, and solid-state drives.
Hynix is known for its expertise in memory semiconductor technology and its ability to deliver high-quality and high-performance memory products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized memory solutions that meet their specific requirements and needs.
In addition to its memory products, Hynix also provides a range of products and solutions for the automotive and data center markets, such as system-on-a-chip (SoC) products and high-bandwidth memory (HBM) products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com