Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS34120 Datasheet (PDF) - Hynix Semiconductor

GMS34120 Datasheet PDF - Hynix Semiconductor
Part # GMS34120
Download  GMS34120 Download
File Size   433.68 Kbytes
Page   105 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description 4-BIT SINGLE CHIP MICROCOMPUTERS

GMS34120 Datasheet (PDF)

Go To PDF Page Download Datasheet
GMS34120 Datasheet PDF - Hynix Semiconductor

Part # GMS34120
Download  GMS34120 Click to download

File Size   433.68 Kbytes
Page   105 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description 4-BIT SINGLE CHIP MICROCOMPUTERS

GMS34120 Datasheet (HTML) - Hynix Semiconductor


GMS34120 Product details

Introduction

OUTLINE OF CHARACTERISTICS

The GMS340 series are remote contol transmitter which uses CMOS technology. This enables transmission code outputs of different configurations, multiple custom code output, and double push key output for easy fabrication.

The GMS340 sereis are suitable for remote control of TV, VCR, FANS, Air conditioners, Audio Equipments, Toys and Games etc.



Characteristics

• Program memory : 512 bytes for GMS34004/012

                                 1024 bytes for GMS34112/120/140

• Data memory : 32 ¡¿ 4 bits

• 43 types of instruction set

• 3 levels of subroutine nesting

• 1 bit output port for a large current (REMOUT signal)

• Operating frequency : 300~500KHz or 2.4~4MHz for 300~500KHz operation

                                      Masked option)

• Instruction cycle : fOSC/6 (at 300~500KHz)

                               fOSC/48 (at 2.4~4MHz)

• CMOS process (Single 3.0V power supply)

• Stop mode (Through internal instruction)

• Released stop mode by key input (Masked option)

• Built in capacitor for ceramic oscillation circuit (Masked option)

• Built in a watch dog timer (WDT)

• Low operating voltage : 2.0~4.0V (at 300~500KHz)

                                         2.2~4.0V (at 2.4~4MHz)




Similar Part No. - GMS34120

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS34112T HYNIX-GMS34112T Datasheet
326Kb / 7P
4-BIT SINGLE CHIP MICROCOMPUTERS
logo
List of Unclassifed Man...
GMS34112T ETC-GMS34112T Datasheet
328Kb / 49P
4-BIT SINGLE CHIP MICROCOMPUTERS
logo
Hynix Semiconductor
GMS34140T HYNIX-GMS34140T Datasheet
326Kb / 7P
4-BIT SINGLE CHIP MICROCOMPUTERS
logo
List of Unclassifed Man...
GMS34140T ETC-GMS34140T Datasheet
328Kb / 49P
4-BIT SINGLE CHIP MICROCOMPUTERS
More results


Similar Description - GMS34120

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS30004 HYNIX-GMS30004 Datasheet
964Kb / 158P
4-BIT SINGLE CHIP MICROCOMPUTERS
GMS34004T HYNIX-GMS34004T Datasheet
326Kb / 7P
4-BIT SINGLE CHIP MICROCOMPUTERS
GMS36 HYNIX-GMS36 Datasheet
813Kb / 109P
4-BIT SINGLE CHIP MICROCOMPUTERS
GMS3637004 HYNIX-GMS3637004 Datasheet
1Mb / 110P
4-BIT SINGLE CHIP MICROCOMPUTERS
logo
NEC
UPD7507 NEC-UPD7507 Datasheet
832Kb / 19P
4 BIT SINGLE CHIP CMOS MICROCOMPUTERS
logo
List of Unclassifed Man...
ZTB500E ETC-ZTB500E Datasheet
328Kb / 49P
4-BIT SINGLE CHIP MICROCOMPUTERS
HMS38112 ETC-HMS38112 Datasheet
505Kb / 73P
4-BIT SINGLE CHIP MICROCOMPUTERS
logo
Sanyo Semicon Device
LM6417 SANYO-LM6417 Datasheet
221Kb / 2P
NMOS 4-Bit Single-Chip Microcomputers
logo
Hitachi Semiconductor
HD404019 HITACHI-HD404019 Datasheet
3Mb / 69P
CMOS 4-BIT SINGLE-CHIP MICROCOMPUTERS
logo
Renesas Technology Corp
HD404019R RENESAS-HD404019R Datasheet
249Kb / 65P
CMOS 4-bit single-chip microcomputers
More results




About Hynix Semiconductor


Hynix Semiconductor is a South Korean company that specializes in the design and manufacture of memory semiconductors.
The company was founded in 1983 and is headquartered in Icheon, South Korea.
Hynix is one of the world's leading producers of DRAM (dynamic random access memory) and NAND flash memory, which are used in various applications such as computer systems, mobile devices, and solid-state drives.
Hynix is known for its expertise in memory semiconductor technology and its ability to deliver high-quality and high-performance memory products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized memory solutions that meet their specific requirements and needs.
In addition to its memory products, Hynix also provides a range of products and solutions for the automotive and data center markets, such as system-on-a-chip (SoC) products and high-bandwidth memory (HBM) products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com