Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS81008 Datasheet (PDF) - Hynix Semiconductor

GMS81008 Datasheet PDF - Hynix Semiconductor
Part # GMS81008
Download  GMS81008 Download
File Size   1326.99 Kbytes
Page   101 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description 8-BIT SINGLE CHIP MICROCOMPUTERS

GMS81008 Datasheet (PDF)

Go To PDF Page Download Datasheet
GMS81008 Datasheet PDF - Hynix Semiconductor

Part # GMS81008
Download  GMS81008 Click to download

File Size   1326.99 Kbytes
Page   101 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description 8-BIT SINGLE CHIP MICROCOMPUTERS

GMS81008 Datasheet (HTML) - Hynix Semiconductor


GMS81008 Product details

OVERVIEW
The GMS810 Series is the high speed and Low voltage operating 8-bit single chip microcomputers. This MCU contains G8MC core, ROM, RAM, input/output ports and five multi-function timer/counters.

FEATURES & PIN ASSIGNMENTS (TOP VIEW)
• ROM size . . . . . . . . . . . . . 4,096 Bytes ( GMS81004 ) , 8,192 Bytes (GMS81008 )
                   . . . . . . . . . . . . . 16,384 Bytes ( GMS81016 ) ,24,576 Bytes(GMS81024 )
                   . . . . . . . . . . . . . 32,768 Bytes ( GMS81032 )
• RAM size . . . . . . . . . . . . . 448 Bytes
• Instruction Execution Time . . 1us @Xin=4MHz
• Timer
    • Timer/Counter . . . . . . 8Bit * 2ch , 16Bit * 1ch
    • Basic Interval Time . . . 8Bit * 1ch
    • Watch Dog Timer . . . . 6Bit * 1ch
• Power On Reset
• Power Saving Operation Modes
    • STOP
• 8 Interrupt Sources
    • Nested Interrupt Control is Available
• Operating Voltage
    • 2.0~4.0V @2MHz
    • 2.2~4.0V @4MHz
• Low Voltage Detection Circuit
• Watch dog Timer Auto Start ( During 1Second after Power on Reset )
• Package
    • 20SOP/20PDIP/24SOP/24Skinny DIP/28SOP/28Skinny DIP
    • 44PLCC
• I/O Port




Similar Part No. - GMS81008

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GMS81504 ETC2-GMS81504 Datasheet
299Kb / 54P
CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
GMS81504D ETC2-GMS81504D Datasheet
299Kb / 54P
CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
GMS81504K ETC2-GMS81504K Datasheet
299Kb / 54P
CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
GMS81504TK ETC2-GMS81504TK Datasheet
299Kb / 54P
CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Hynix Semiconductor
GMS81508A HYNIX-GMS81508A Datasheet
872Kb / 91P
USERS MANUAL
More results


Similar Description - GMS81008

ManufacturerPart #DatasheetDescription
logo
NEC
UPD78P324 NEC-UPD78P324 Datasheet
545Kb / 80P
16-/8-Bit Single-Chip Microcomputers
logo
Hynix Semiconductor
GMS34004 HYNIX-GMS34004 Datasheet
433Kb / 105P
4-BIT SINGLE CHIP MICROCOMPUTERS
GMS34004T HYNIX-GMS34004T Datasheet
326Kb / 7P
4-BIT SINGLE CHIP MICROCOMPUTERS
GMS36 HYNIX-GMS36 Datasheet
813Kb / 109P
4-BIT SINGLE CHIP MICROCOMPUTERS
logo
List of Unclassifed Man...
ZTB500E ETC-ZTB500E Datasheet
328Kb / 49P
4-BIT SINGLE CHIP MICROCOMPUTERS
logo
Panasonic Semiconductor
MN18982 PANASONIC-MN18982 Datasheet
1Mb / 14P
8-Bit Single-Chip Dual Microcomputers
logo
List of Unclassifed Man...
HMS38112 ETC-HMS38112 Datasheet
505Kb / 73P
4-BIT SINGLE CHIP MICROCOMPUTERS
logo
NEC
UPD8049H NEC-UPD8049H Datasheet
896Kb / 13P
High-Speed, 8-Bit, Single-Chip Hmos Microcomputers
logo
Sanyo Semicon Device
LC866000A SANYO-LC866000A Datasheet
84Kb / 2P
CMOS 8-Bit Single-Chip Microcomputers
logo
NXP Semiconductors
MC68HC05T10 NXP-MC68HC05T10 Datasheet
9Mb / 120P
8-Bit Microcomputers
More results




About Hynix Semiconductor


Hynix Semiconductor is a South Korean company that specializes in the design and manufacture of memory semiconductors.
The company was founded in 1983 and is headquartered in Icheon, South Korea.
Hynix is one of the world's leading producers of DRAM (dynamic random access memory) and NAND flash memory, which are used in various applications such as computer systems, mobile devices, and solid-state drives.
Hynix is known for its expertise in memory semiconductor technology and its ability to deliver high-quality and high-performance memory products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized memory solutions that meet their specific requirements and needs.
In addition to its memory products, Hynix also provides a range of products and solutions for the automotive and data center markets, such as system-on-a-chip (SoC) products and high-bandwidth memory (HBM) products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com