Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUR30040CT Datasheet (PDF) - GeneSiC Semiconductor, Inc.

MUR30040CT Datasheet PDF - GeneSiC Semiconductor, Inc.
Part # MUR30040CT
Download  MUR30040CT Download
File Size   391.61 Kbytes
Page   3 Pages
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.
Description Silicon Super Fast Recovery Diode

MUR30040CT Datasheet (PDF)

Go To PDF Page Download Datasheet
MUR30040CT Datasheet PDF - GeneSiC Semiconductor, Inc.

Part # MUR30040CT
Download  MUR30040CT Click to download

File Size   391.61 Kbytes
Page   3 Pages
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.
Description Silicon Super Fast Recovery Diode

MUR30040CT Datasheet (HTML) - GeneSiC Semiconductor, Inc.


MUR30040CT Product details

Features
• High Surge Capability
• Types from 50 V to 200 V VRRM
• Not ESD Sensitive




Similar Part No. - MUR30040CT

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
MUR30040CT NAINA-MUR30040CT Datasheet
139Kb / 2P
Super Fast Recovery Diode, 300A
logo
America Semiconductor, ...
MUR30040CT AMERICASEMI-MUR30040CT Datasheet
403Kb / 2P
HIGH POWER- SUPER FAST RECTIFIERS
logo
GeneSiC Semiconductor, ...
MUR30040CT GENESIC-MUR30040CT Datasheet
380Kb / 3P
Silicon Super Fast Recovery Diode
MUR30040CT GENESIC-MUR30040CT Datasheet
692Kb / 3P
Silicon Super Fast Recovery Diode
logo
Naina Semiconductor ltd...
MUR30040CTR NAINA-MUR30040CTR Datasheet
139Kb / 2P
Super Fast Recovery Diode, 300A
More results


Similar Description - MUR30040CT

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
MUR7040 GENESIC-MUR7040 Datasheet
447Kb / 3P
Silicon Super Fast Recovery Diode
MUR30040CT GENESIC-MUR30040CT Datasheet
380Kb / 3P
Silicon Super Fast Recovery Diode
MUR40005CT GENESIC-MUR40005CT Datasheet
391Kb / 3P
Silicon Super Fast Recovery Diode
MURF10005 GENESIC-MURF10005 Datasheet
342Kb / 3P
Silicon Super Fast Recovery Diode
MURF20040 GENESIC-MURF20040 Datasheet
353Kb / 3P
Silicon Super Fast Recovery Diode
MURF30040 GENESIC-MURF30040 Datasheet
352Kb / 3P
Silicon Super Fast Recovery Diode
MURF40040 GENESIC-MURF40040 Datasheet
352Kb / 3P
Silicon Super Fast Recovery Diode
MURH7005 GENESIC-MURH7005 Datasheet
342Kb / 3P
Silicon Super Fast Recovery Diode
MURH7040 GENESIC-MURH7040 Datasheet
351Kb / 3P
Silicon Super Fast Recovery Diode
MURH10040 GENESIC-MURH10040 Datasheet
352Kb / 3P
Silicon Super Fast Recovery Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com