Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS87C1404 Datasheet (PDF) - Hynix Semiconductor

GMS87C1404 Datasheet PDF - Hynix Semiconductor
Part # GMS87C1404
Download  GMS87C1404 Download
File Size   1314.6 Kbytes
Page   84 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description 8-BIT SINGLE-CHIP MICROCONTROLLERS

GMS87C1404 Datasheet (PDF)

Go To PDF Page Download Datasheet
GMS87C1404 Datasheet PDF - Hynix Semiconductor

Part # GMS87C1404
Download  GMS87C1404 Click to download

File Size   1314.6 Kbytes
Page   84 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description 8-BIT SINGLE-CHIP MICROCONTROLLERS

GMS87C1404 Datasheet (HTML) - Hynix Semiconductor


GMS87C1404 Product details

Description

The GMS81C1404 and GMS81C1408 are an advanced CMOS 8-bit microcontroller with 4K/8K bytes of ROM. The Hynix semiconductor’s GMS81C1404 and GMS81C1408 are a powerful microcontroller which provides a highly flexible and cost effective solution to many small applications such as controller for battery charger. The GMS81C1404 and GMS81C1408 provide the following standard features: 4K/8K bytes of ROM, 192 bytes of RAM, 8-bit timer/counter, 8-bit A/D converter, 10-bit high speed PWM output, programmable buzzer driving port, 8-bit serial communication port, on-chip oscillator and clock circuitry. In addition, the GMS81C1404 and GMS81C1408 supports power saving modes to reduce power consump tion.



Features

• 4K/8K Bytes On-chip Program Memory

• 192 Bytes of On-chip Data RAM(Included stack memory)

• Instruction Cycle Time:

- 250nS at 8MHz

• 23 Programmable I/O pins (LED direct driving can be source and sink)

• 2.2V to 5.5V Wide Operating Range

• One 8-bit A/D Converter

• One 8-bit Basic Interval Timer

• Four 8-bit Timer / Counters

• Two 10-bit High Speed PWM Outputs

• Watchdog timer (can be operate with internal RC-oscillation)

• One 8-bit Serial Peripheral Interface

• Twelve Interrupt sources

- External input: 4

- A/D Conversion: 1

- Serial Peripheral Interface: 1

- Timer: 6

• One Programmable Buzzer Driving port

- 500Hz ~ 130kHz

• Oscillator Type

- Crystal

- Ceramic Resonator

• Noise Immunity Circuit

- Power Fail Processor

• Power Down Mode

- STOP mode

- Wake-up Timer mode




Similar Part No. - GMS87C1404

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS87C1404D HYNIX-GMS87C1404D Datasheet
853Kb / 93P
8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
List of Unclassifed Man...
GMS87C1404D ETC1-GMS87C1404D Datasheet
1Mb / 98P
8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS87C1404SK HYNIX-GMS87C1404SK Datasheet
853Kb / 93P
8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
List of Unclassifed Man...
GMS87C1404SK ETC1-GMS87C1404SK Datasheet
1Mb / 98P
8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Similar Description - GMS87C1404

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
8-Bit Single-Chip Microcontrollers
UPD780204 NEC-UPD780204 Datasheet
2Mb / 418P
8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
8-Bit Single-Chip Microcontrollers
PD78F9210CS RENESAS-PD78F9210CS_15 Datasheet
356Kb / 30P
8-BIT SINGLE-CHIP MICROCONTROLLERS
More results




About Hynix Semiconductor


Hynix Semiconductor is a South Korean company that specializes in the design and manufacture of memory semiconductors.
The company was founded in 1983 and is headquartered in Icheon, South Korea.
Hynix is one of the world's leading producers of DRAM (dynamic random access memory) and NAND flash memory, which are used in various applications such as computer systems, mobile devices, and solid-state drives.
Hynix is known for its expertise in memory semiconductor technology and its ability to deliver high-quality and high-performance memory products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized memory solutions that meet their specific requirements and needs.
In addition to its memory products, Hynix also provides a range of products and solutions for the automotive and data center markets, such as system-on-a-chip (SoC) products and high-bandwidth memory (HBM) products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com