Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS87C4060 Datasheet (PDF) - Hynix Semiconductor

GMS87C4060 Datasheet PDF - Hynix Semiconductor
Part # GMS87C4060
Download  GMS87C4060 Download
File Size   1582.42 Kbytes
Page   102 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description 8-BIT SINGLE-CHIP MICROCONTROLLERS

GMS87C4060 Datasheet (PDF)

Go To PDF Page Download Datasheet
GMS87C4060 Datasheet PDF - Hynix Semiconductor

Part # GMS87C4060
Download  GMS87C4060 Click to download

File Size   1582.42 Kbytes
Page   102 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description 8-BIT SINGLE-CHIP MICROCONTROLLERS

GMS87C4060 Datasheet (HTML) - Hynix Semiconductor


GMS87C4060 Product details

Description
The GMS81C4040/GMS87C4060 is an advanced CMOS 8-bit microcontroller with 40K(60K) bytes of ROM. The device is one of GMS800 family. The HYUNDAI’s GMS81C4040/GMS87C4060 is a powerful microcontroller which provides a highly flexible and cost effective solution to many TV applications. The GMS81C4040/GMS87C4060 provides the following standard features: 40K(60K) bytes of ROM, 1,536 bytes of RAM, 8-bit timer/counter .

Features
• 40K(60K) Bytes On-chip Program Memory
• 1,536 Bytes of On-chip Data RAM (Included 256 bytes stack memory)
• Instruction Cycle Time (ex:NOP)
   - 0.5us at 8MHz
• 40 Programmable I/O pins
   - 33 I/O and 7 Output pins
• Serial I/O : 8bit x 1ch
• I2C Bus interface
   - Multimaster (2 Pairs interface pins)
• A/D Converter : 8bit x 6ch (TBD LSB)
• Pulse Width Modulation
   - 14bit x 1ch
   - 8bit x 6ch
• Timer
   - Timer/Counter : 8bit x 4ch (16bit x 2ch)
   - Basic interval timer : 8bit x 1ch
   - Watch Dog Timer
• Number of Interrupt sources : 18
• On Screen Display
   - Number of characters : 512 (6 characters are reserved for IC test)
   - Character size : 12 dots(X) x 16 dots(Y)
   - Character display size : Large, Medium, Small
   - DIsplay capability : 24Characters x 16 Line (Two line VRAM buffer)
   - Character, Back ground color : 16kinds
   - Special functions : Rounding, Outline, Sprite, Shadow,...
• Buzzer Driving port
   - 500Hz ~ 250kHz @8MHz (Duty 50%)
• Operating Range : 4.5V to 5.5V




Similar Part No. - GMS87C4060

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS87C4060 HYNIX-GMS87C4060 Datasheet
1Mb / 100P
CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER FOR TELEVISION
More results


Similar Description - GMS87C4060

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
8-Bit Single-Chip Microcontrollers
UPD780204 NEC-UPD780204 Datasheet
2Mb / 418P
8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
8-Bit Single-Chip Microcontrollers
PD78F9210CS RENESAS-PD78F9210CS_15 Datasheet
356Kb / 30P
8-BIT SINGLE-CHIP MICROCONTROLLERS
More results




About Hynix Semiconductor


Hynix Semiconductor is a South Korean company that specializes in the design and manufacture of memory semiconductors.
The company was founded in 1983 and is headquartered in Icheon, South Korea.
Hynix is one of the world's leading producers of DRAM (dynamic random access memory) and NAND flash memory, which are used in various applications such as computer systems, mobile devices, and solid-state drives.
Hynix is known for its expertise in memory semiconductor technology and its ability to deliver high-quality and high-performance memory products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized memory solutions that meet their specific requirements and needs.
In addition to its memory products, Hynix also provides a range of products and solutions for the automotive and data center markets, such as system-on-a-chip (SoC) products and high-bandwidth memory (HBM) products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com