Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS90C51 Datasheet (PDF) - Hynix Semiconductor

GMS90C51 Datasheet PDF - Hynix Semiconductor
Part # GMS90C51
Download  GMS90C51 Download
File Size   818.24 Kbytes
Page   59 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description 8-BIT SINGLE-CHIP MICROCONTROLLERS

GMS90C51 Datasheet (PDF)

Go To PDF Page Download Datasheet
GMS90C51 Datasheet PDF - Hynix Semiconductor

Part # GMS90C51
Download  GMS90C51 Click to download

File Size   818.24 Kbytes
Page   59 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description 8-BIT SINGLE-CHIP MICROCONTROLLERS

GMS90C51 Datasheet (HTML) - Hynix Semiconductor


GMS90C51 Product details

GMS90C31/51, 97C51

GMS90L31/51, 97L51 (Low voltage versions)

• Fully compatible to standard MCS-51 microcontroller

• Wide operating frequency up to 40MHz (for more detail, see “GMS90 Series Selection Guide”)

• 4K × 8 (EP)ROM

• 128 × 8 RAM

• 64K external program memory space

• 64K external data memory space

• Four 8-bit ports

• Two 16-bit Timers / Counters

• USART

• Five interrupt sources, two priority levels

• Power saving Idle and power down mode

• Quick pulse programming algorithm (in the OTP devices)

• 2-level program memory lock (in the OTP devices)

• 2.7Volt low voltage version available

• P-DIP-40, P-LCC-44, P-MQFP-44 package



GMS90C32/52, 97C52

GMS90L32/52, 97L52 (Low voltage versions)

• Fully compatible to standard MCS-51 microcontroller

• Wide operating frequency up to 40MHz (for more detail, see “GMS90 Series Selection Guide”)

• 8K × 8 (EP)ROM

• 256 × 8 RAM

• 64K external program memory space

• 64K external data memory space

• Four 8-bit ports

• Three 16-bit Timers / Counters (Timer2 with up/down counter feature)

• USART

• Six interrupt sources, two priority levels

• Power saving Idle and power down mode

• Quick pulse programming algorithm (in the OTP devices)

• 2-level program memory lock (in the OTP devices)

• 2.7Volt low voltage version available

• P-DIP-40, P-LCC-44, P-MQFP-44 package



GMS90C54/56/58, 97C54/56/58

GMS90L54/56/58, 97L54/56/58 (Low voltage versions)

• Fully compatible to standard MCS-51 microcontroller

• Wide operating frequency up to 40MHz (for more detail, see “GMS90 Series Selection Guide”)

• 16K/24K/32K bytes (EP)ROM

• 256 × 8 RAM

• 64K external program memory space

• 64K external data memory space

• Four 8-bit ports

• Three 16-bit Timers / Counters (Timer2 with up/down counter feature)

• USART

• One clock output port

• Programmable ALE pin enable / disable

• Six interrupt sources, two priority levels

• Power saving Idle and power down mode

• Quick pulse programming algorithm (in the OTP devices)

• 2-level program memory lock (in the OTP devices)

• 2.7Volt low voltage version available

• P-DIP-40, P-LCC-44, P-MQFP-44 package



 




Similar Part No. - GMS90C51

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS90C51 HYNIX-GMS90C51 Datasheet
846Kb / 59P
HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Similar Description - GMS90C51

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
8-Bit Single-Chip Microcontrollers
UPD780204 NEC-UPD780204 Datasheet
2Mb / 418P
8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
8-Bit Single-Chip Microcontrollers
PD78F9210CS RENESAS-PD78F9210CS_15 Datasheet
356Kb / 30P
8-BIT SINGLE-CHIP MICROCONTROLLERS
More results




About Hynix Semiconductor


Hynix Semiconductor is a South Korean company that specializes in the design and manufacture of memory semiconductors.
The company was founded in 1983 and is headquartered in Icheon, South Korea.
Hynix is one of the world's leading producers of DRAM (dynamic random access memory) and NAND flash memory, which are used in various applications such as computer systems, mobile devices, and solid-state drives.
Hynix is known for its expertise in memory semiconductor technology and its ability to deliver high-quality and high-performance memory products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized memory solutions that meet their specific requirements and needs.
In addition to its memory products, Hynix also provides a range of products and solutions for the automotive and data center markets, such as system-on-a-chip (SoC) products and high-bandwidth memory (HBM) products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com