Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HL15604 Datasheet (PDF) - Hynix Semiconductor

HL15604 Datasheet PDF - Hynix Semiconductor
Part # HL15604
Download  HL15604 Download
File Size   435.17 Kbytes
Page   26 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description Hyundai Electronics Industries System IC Division

HL15604 Datasheet (PDF)

Go To PDF Page Download Datasheet
HL15604 Datasheet PDF - Hynix Semiconductor

Part # HL15604
Download  HL15604 Click to download

File Size   435.17 Kbytes
Page   26 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description Hyundai Electronics Industries System IC Division

HL15604 Datasheet (HTML) - Hynix Semiconductor


HL15604 Product details

General Description
The HL14104 is 1/4 duty LCD display driver. It can drive directly maximum 164 segments. Also it has four general purpose output ports and a key scan function that accepts input from up to 30 keys.

Features
• LCD display ..................................... 41 segments x 4 commons
    1/4 duty - 1/2 bias
    1/4 duty - 1/3 bias
• Key scan ............................................ Maximum 30 keys
    Input 5 pins, Output 6 pins
• Power down mode ............................. Sleep mode and all segments off mode
• Port
    Output .................................................. 4 pins ( Including the LCD segment port )
• Serial I/O .............................................. Data transfer and receive
• Power on reset ..................................... Supply voltage detection ( SVD )
• RC oscillator
• Package ............................................... 64QFP




Similar Part No. - HL15604

ManufacturerPart #DatasheetDescription
logo
HYES Optoelectronics, I...
HL1504 HYES-HL1504 Datasheet
1Mb / 25P
OLED (160 횞 RGB 횞 128)
HL1505 HYES-HL1505 Datasheet
1Mb / 24P
OLED (128 횞 RGB 횞 128)
logo
Tyco Electronics
HL150BENF025B MACOM-HL150BENF025B Datasheet
5Mb / 85P
tyco electronics contents
HL150BENF033B MACOM-HL150BENF033B Datasheet
5Mb / 85P
tyco electronics contents
HL150BENF050B MACOM-HL150BENF050B Datasheet
5Mb / 85P
tyco electronics contents
More results


Similar Description - HL15604

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HL14203 HYNIX-HL14203 Datasheet
421Kb / 26P
Hyundai Electronics Industries System IC Division
HL15203 HYNIX-HL15203 Datasheet
293Kb / 19P
Hyundai Electronics Industries System IC Division
HL15703 HYNIX-HL15703 Datasheet
434Kb / 26P
Hyundai Electronics Industries System IC Division
logo
List of Unclassifed Man...
NN5099K ETC-NN5099K Datasheet
383Kb / 9P
IC DIVISION
logo
Qualtek Electronics Cor...
1221021-03 QUALTEK-1221021-03 Datasheet
350Kb / 1P
Qualtek Electronics Corp. WCI DIVISION
1225001-01 QUALTEK-1225001-01 Datasheet
433Kb / 1P
Qualtek Electronics Corp. WCI DIVISION
1225004-03 QUALTEK-1225004-03 Datasheet
433Kb / 1P
Qualtek Electronics Corp. WCI DIVISION
1225005-03 QUALTEK-1225005-03 Datasheet
430Kb / 1P
Qualtek Electronics Corp. WCI DIVISION
1225008-05 QUALTEK-1225008-05 Datasheet
430Kb / 1P
Qualtek Electronics Corp. WCI DIVISION
1225009-05 QUALTEK-1225009-05 Datasheet
430Kb / 1P
Qualtek Electronics Corp. WCI DIVISION
More results




About Hynix Semiconductor


Hynix Semiconductor is a South Korean company that specializes in the design and manufacture of memory semiconductors.
The company was founded in 1983 and is headquartered in Icheon, South Korea.
Hynix is one of the world's leading producers of DRAM (dynamic random access memory) and NAND flash memory, which are used in various applications such as computer systems, mobile devices, and solid-state drives.
Hynix is known for its expertise in memory semiconductor technology and its ability to deliver high-quality and high-performance memory products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized memory solutions that meet their specific requirements and needs.
In addition to its memory products, Hynix also provides a range of products and solutions for the automotive and data center markets, such as system-on-a-chip (SoC) products and high-bandwidth memory (HBM) products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com