Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPA1434 Datasheet (PDF) - NEC

UPA1434 Datasheet PDF - NEC
Part # UPA1434
Download  UPA1434 Download
File Size   54.09 Kbytes
Page   6 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NPN SILICON POWER TRANSISTOR ARRAY LOW SPEED SWITCHING USE INDUSTRIAL USE

UPA1434 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPA1434 Datasheet PDF - NEC

Part # UPA1434
Download  UPA1434 Click to download

File Size   54.09 Kbytes
Page   6 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NPN SILICON POWER TRANSISTOR ARRAY LOW SPEED SWITCHING USE INDUSTRIAL USE

UPA1434 Datasheet (HTML) - NEC


UPA1434 Product details

DESCRIPTION
The µPA1434 is NPN silicon epitaxial Power Transistor Array that built in 4 circuits designed for driving solenoid, relay, lamp and so on.

FEATURES
• Easy mount by 0.1 inch of terminal interval.
• High hFE. Low VCE(sat).
   hFE = 800 to 3200 (at IC = 0.5 A)
   VCE(sat) = 0.5 V MAX. (at IC = 2 A)




Similar Part No. - UPA1434

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA1434 RENESAS-UPA1434 Datasheet
208Kb / 8P
SILICON TRANSISTOR ARRAY
1994
More results


Similar Description - UPA1434

ManufacturerPart #DatasheetDescription
logo
NEC
UPA1428A NEC-UPA1428A Datasheet
54Kb / 6P
NPN SILICON POWER TRANSISTOR ARRAY HIGH SPEED SWITCHING USE DARLINGTON TRANSISTOR INDUSTRIAL USE
UPA1436A NEC-UPA1436A Datasheet
60Kb / 6P
NPN SILICON POWER TRANSISTOR ARRAY HIGH SPEED SWITCHING USE DARLINGTON TRANSISTOR INDUSTRIAL USE
UPA1437 NEC-UPA1437 Datasheet
62Kb / 6P
PNP SILICON POWER TRANSISTOR ARRAY LOW SPEED SWITCHING USE DARLINGTON TRANSISTOR INDUSTRIAL USE
UPA1453 NEC-UPA1453 Datasheet
54Kb / 6P
PNP SILICON POWER TRANSISTOR ARRAY HIGH SPEED SWITCHING USE INDUSTRIAL USE
UPA1454 NEC-UPA1454 Datasheet
50Kb / 6P
NPN SILICON POWER TRANSISTOR ARRAY LOW SPEED SWITCHING USE INDUSTRIAL USE
UPA1456 NEC-UPA1456 Datasheet
55Kb / 6P
NPN SILICON POWER TRANSISTOR ARRAY LOW SPEED SWITCHING USE DARLINGTON TRANSISTOR INDUSTRIAL USE
UPA1458 NEC-UPA1458 Datasheet
51Kb / 6P
NPN SILICON POWER TRANSISTOR ARRAY LOW SPEED SWITCHING USE DARLINGTON TRANSISTOR INDUSTRIAL USE
UPA1476 NEC-UPA1476 Datasheet
62Kb / 6P
NPN SILICON POWER TRANSISTOR ARRAY LOW SPEED SWITCHING USE DARLINGTON TRANSISTOR INDUSTRIAL USE
UPA1478 NEC-UPA1478 Datasheet
59Kb / 6P
NPN SILICON POWER TRANSISTOR ARRAY LOW SPEED SWITCHING USE DARLINGTON TRANSISTOR INDUSTRIAL USE
logo
Samsung semiconductor
KSD560 SAMSUNG-KSD560 Datasheet
235Kb / 6P
NPN (LOW FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING INDUSTRIAL USE)
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com