Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

256-FBGA Datasheet (PDF) - Hynix Semiconductor

256-FBGA Datasheet PDF - Hynix Semiconductor
Part # 256-FBGA
Download  256-FBGA Download
File Size   1055.49 Kbytes
Page   136 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description 32-bit ARM7TDMI RISC static CMOS CPU core

256-FBGA Datasheet (PDF)

Go To PDF Page Download Datasheet
256-FBGA Datasheet PDF - Hynix Semiconductor

Part # 256-FBGA
Download  256-FBGA Click to download

File Size   1055.49 Kbytes
Page   136 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description 32-bit ARM7TDMI RISC static CMOS CPU core

256-FBGA Datasheet (HTML) - Hynix Semiconductor


256-FBGA Product details

OVERVIEW
The HMS30C7202 is a highly integrated low power microprocessor for personal digital assistants, and other applications described below. The device incorporates an ARM720T CPU and system interface logic to interface with various types of devices. HMS30C7202 is a highly modular design based on the AMBA bus architecture between CPU and internal modules.

FEATURES
■ 32-bit ARM7TDMI RISC static CMOS CPU core
■ 8Kbytes combined instruction/data cache
■ Memory management unit for WindowsCE
■ Supports Little Endian operating system
■ 2Kbytes SRAM for internal buffer memory
■ On-chip peripherals with individual power-down:
    - Multi-channel DMA
    - 4 Timer Channels with Watch Dog Timer
    - Intelligent Interrupt Controller
    - Memory controller for ROM, Flash, SRAM, SDRAM
    - Power management unit
    - LCD Controller for mono/color STN and TFT LCD
    - Real-time clock (32.768kHz oscillator)
    - Infrared communications (SIR support)
    - 4 UARTs (16C550 compatible)
    - PS/2 External Keyboard / Mouse interface
    - 2 Pulse-Width-Modulated (PWM) interface
    - Matrix Keyboard control interface (8*8)
    - GPIO
    - MMC / SMC Card interface
    - USB (slave)
    - On-chip ADC and interface module (Battery Check, Audio In, Touch Panel)
    - On-chip DAC and interface module (8 Bit Stereo Audio Output)
    - PLL
■ JTAG debug interface and boundary scan
■ 0.20um Low Power CMOS Process
■ 1.8V internal / 3.3V IO supply voltage
■ 256-pin QFP / BGA package
■ 100MHz operation frequency
■ Low power consumption




Similar Part No. - 256-FBGA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
256-30695-131 ETC2-256-30695-131 Datasheet
235Kb / 1P
Connectors for Copper Conductor
256-30695-1351 ETC2-256-30695-1351 Datasheet
235Kb / 1P
Connectors for Copper Conductor
256-30695-1352 ETC2-256-30695-1352 Datasheet
235Kb / 1P
Connectors for Copper Conductor
256-30695-1361 ETC2-256-30695-1361 Datasheet
235Kb / 1P
Connectors for Copper Conductor
256-30695-1362 ETC2-256-30695-1362 Datasheet
235Kb / 1P
Connectors for Copper Conductor
More results


Similar Description - 256-FBGA

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2930BR SONY-CXD2930BR Datasheet
249Kb / 25P
GPS LSI with Built-in 32-bit RISC CPU
logo
fujitsu semiconductor
MB91101 FUJITSU-MB91101 Datasheet
870Kb / 99P
32-bit RISC Microcontroller CMOS
MB91107 FUJITSU-MB91107 Datasheet
1Mb / 96P
32-bit RISC Microcontroller CMOS
MB91121 FUJITSU-MB91121 Datasheet
1Mb / 97P
32-bit RISC Microcontroller CMOS
logo
Samsung semiconductor
S3F441FX SAMSUNG-S3F441FX Datasheet
1Mb / 233P
32-Bit CMOS RISC Microprocessor
logo
Renesas Technology Corp
SH7040 RENESAS-SH7040 Datasheet
4Mb / 923P
Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
RX24U RENESAS-RX24U Datasheet
1Mb / 131P
32-bit RXv2 CPU core
RX24T RENESAS-RX24T Datasheet
1Mb / 133P
32-bit RXv2 CPU core
logo
List of Unclassifed Man...
NUC501 ETC2-NUC501 Datasheet
5Mb / 283P
32-bit RISC CPU
logo
Renesas Technology Corp
ERTEC RENESAS-ERTEC Datasheet
566Kb / 51P
Enhanced Real-Time Ethernet Controller with 32-bit RISC CPU Core
November 2009
More results




About Hynix Semiconductor


Hynix Semiconductor is a South Korean company that specializes in the design and manufacture of memory semiconductors.
The company was founded in 1983 and is headquartered in Icheon, South Korea.
Hynix is one of the world's leading producers of DRAM (dynamic random access memory) and NAND flash memory, which are used in various applications such as computer systems, mobile devices, and solid-state drives.
Hynix is known for its expertise in memory semiconductor technology and its ability to deliver high-quality and high-performance memory products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized memory solutions that meet their specific requirements and needs.
In addition to its memory products, Hynix also provides a range of products and solutions for the automotive and data center markets, such as system-on-a-chip (SoC) products and high-bandwidth memory (HBM) products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com